Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 78Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 79Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 80Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 81Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 82Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 83Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 84Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 85Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
82
NXP Semiconductors
Electrical Characteristics
Figure 51 shows RMII mode timings. Table 68 describes the timing parameters (M16–M21) shown in the
figure.
Figure 51. RMII mode signal timing diagram
4.9.5
Flexible Controller Area Network (FLEXCAN) AC electrical
specifications
Please refer to Section 4.3.2.1, General purpose I/O AC parameters.
4.9.6
LPUART electrical specifications
Please refer to Section 4.3.2.1, General purpose I/O AC parameters.
Table 68. RMII signal timing
ID
Characteristic
Min.
Max.
Unit
M16
ENET_CLK pulse width high
35%
65%
ENET_CLK period
M17
ENET_CLK pulse width low
35%
65%
ENET_CLK period
M18
ENET_CLK to ENET0_TXD[1:0], ENET_TX_DATA invalid
4
—
ns
M19
ENET_CLK to ENET0_TXD[1:0], ENET_TX_DATA valid
—
13
ns
M20
ENET_RX_DATAD[1:0], ENET_RX_EN(ENET_RX_EN), ENET_RX_ER
to ENET_CLK setup
2
—
ns
M21
ENET_CLK to ENET_RX_DATAD[1:0], ENET_RX_EN, ENET_RX_ER
hold
2
—
ns
ENET_CLK (input)
ENET_TX_EN
M16
M17
M18
M19
M20 M21
ENET_RX_DATA[1:0]
ENET_TX_DATA (output)
ENET_RX_ER
ENET_RX_EN (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com