Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 75 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 71Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 72Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 73Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 74Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 75Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 76Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 77Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 78Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
75
4.9.3.2
eMMC4.4/4.41 (dual data rate) AC timing
Figure 44 depicts the timing of eMMC4.4/4.41. Table 61 lists the eMMC4.4/4.41 timing characteristics.
Be aware that only DATA is sampled on both edges of the clock (not applicable to CMD).
Table 60. SD/eMMC4.3 interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency (Low Speed)
fPP1
1 In low speed mode, card clock must be lower than 400 kHz, voltage ranges from 2.7 to 3.6 V.
0
400
kHz
Clock Frequency (SD/SDIO Full Speed/High Speed)
fPP2
2 In normal (full) speed mode for SD/SDIO card, clock frequency can be any value between 0
–25 MHz. In high-speed mode,
clock frequency can be any value between 0
–50 MHz.
0
25/50
MHz
Clock Frequency (MMC Full Speed/High Speed)
fPP3
3 In normal (full) speed mode for MMC card, clock frequency can be any value between 0
–20 MHz. In high-speed mode, clock
frequency can be any value between 0
–52 MHz.
0
20/52
MHz
Clock Frequency (Identification Mode)
fOD
100
400
kHz
SD2
Clock Low Time
tWL
7
—
ns
SD3
Clock High Time
tWH
7
—
ns
SD4
Clock Rise Time
tTLH
—
3
ns
SD5
Clock Fall Time
tTHL
—
3
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx (Reference to CLK)
SD6
uSDHC Output Delay
tOD
-6.6
3.6
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx (Reference to CLK)
SD7
uSDHC Input Setup Time
tISU
2.5
—
ns
SD8
uSDHC Input Hold Time4
4 To satisfy hold timing, the delay difference between clock input and cmd/data input must not exceed 2 ns.
tIH
1.5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com