Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 44Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
47
Figure 14. Trace data specifications
4.5
External memory interface
The following sections provide information about external memory interfaces.
4.5.1
SEMC specifications
The following sections provide information on SEMC interface.
Measurements are with a load of 15 pf and an input slew rate of 1 V/ns.
4.5.1.1
SEMC output timing
There are ASYNC and SYNC mode for SEMC output timing.
4.5.1.1.1
SEMC output timing in ASYNC mode
Table 32 shows SEMC output timing in ASYNC mode.
Table 32. SEMC output timing in ASYNC mode
Symbol
Parameter
Min.
Max.
Unit
Comment
Frequency of operation
—
166
MHz
TCK
Internal clock period
6
—
ns
TAVO
Address output valid time
—
2
ns
These timing parameters
apply to Address and ADV#
for NOR/PSRAM in ASYNC
mode.
TAHO
Address output hold time
(TCK - 2) 1
1 Address output hold time is configurable by SEMC_*CR0.AH. AH field setting value is 0x0 in above table. When AH is set
with value N, TAHO min time should be ((N + 1) x TCK). See the i.MX RT1060 Reference Manual (IMXRT1060RM) for more
detail about SEMC_*CR0.AH register field.
—
ns
TADVL
ADV# low time
(TCK - 1) 2
TDVO
Data output valid time
—
2
ns
These timing parameters
apply to Data/CLE/ALE and
WE# for NAND, apply to
Data/DM/CRE for
NOR/PSRAM, apply to
Data/DCX and WRX for DBI
interface.
TDHO
Data output hold time
(TCK - 2) 3
—
ns
TWEL
WE# low time
(TCK - 1) 4
ns
T8
T7
T7
T8
ARM_TRACE_CLK
ARM_TRACE0-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com