Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 76Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 77Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 78Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 79Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 80Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 81Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 82Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 83Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
80
NXP Semiconductors
Electrical Characteristics
Figure 48 shows MII transmit signal timings. Table 65 describes the timing parameters (M5–M8) shown
in the figure.
Figure 48. MII transmit signal timing diagram
1 ENET_TX_EN, ENET_TX_CLK, and ENET0_TXD0 have the same timing in 10-Mbps 7-wire interface mode.
4.9.4.1.3
MII asynchronous inputs signal timing (ENET_CRS and ENET_COL)
Figure 49 shows MII asynchronous input timings. Table 66 describes the timing parameter (M9) shown in
the figure.
Figure 49. MII asynchronous inputs timing diagram
1 ENET_COL has the same timing in 10-Mbit 7-wire interface mode.
Table 65. MII transmit signal timing
ID
Characteristic1
Min.
Max.
Unit
M5
ENET_TX_CLK to ENET_TX_DATA3,2,1,0, ENET_TX_EN,
ENET_TX_ER invalid
5
—
ns
M6
ENET_TX_CLK to ENET_TX_DATA3,2,1,0, ENET_TX_EN,
ENET_TX_ER valid
—
20
ns
M7
ENET_TX_CLK pulse width high
35%
65%
ENET_TX_CLK period
M8
ENET_TX_CLK pulse width low
35%
65%
ENET_TX_CLK period
Table 66. MII asynchronous inputs signal timing
ID
Characteristic
Min.
Max.
Unit
M91
ENET_CRS to ENET_COL minimum pulse width
1.5
—
ENET_TX_CLK period
ENET_TX_CLK (input)
ENET_TX_DATA3,2,1,0
M7
M8
M5
M6
ENET_TX_ER
ENET_TX_EN
(outputs)
ENET_CRS, ENET_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com