Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 44Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
46
NXP Semiconductors
Electrical Characteristics
4.4.4
Debug trace timing specifications
Figure 13. ARM_TRACE_CLK specifications
SJ9
JTAG_TMS, JTAG_TDI data hold time
25
—
ns
SJ10
JTAG_TCK low to JTAG_TDO data valid
—
44
ns
SJ11
JTAG_TCK low to JTAG_TDO high impedance
—
44
ns
SJ12
JTAG_TRST_B assert time
100
—
ns
SJ13
JTAG_TRST_B set-up time to JTAG_TCK low
40
—
ns
1 TDC = target frequency of SJC
2 VM = mid-point voltage
Table 31. Debug trace operating behaviors
Symbol
Description
Min
Max
Unit
T1
ARM_TRACE_CLK frequency of operation
—
70
MHz
T2
ARM_TRACE_CLK period
1/T1
—
MHz
T3
Low pulse width
6
—
ns
T4
High pulse width
6
—
ns
T5
Clock and data rise time
—
1
ns
T6
Clock and data fall time
—
1
ns
T7
Data setup
2
—
ns
T8
Data hold
0.7
—
ns
Table 30. JTAG timing (continued)
ID
Parameter1,2
All Frequencies
Unit
Min
Max
T4
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com