Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 92 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 88Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 89Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 90Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 91Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 92Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 93Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 94Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 95Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
92
NXP Semiconductors
Package information and contact assignments
6.1.2
10 x 10 mm supplies contact assignments and functional contact
assignments
Table 82 shows the device connection list for ground, sense, and reference contact signals.
Table 83 shows an alpha-sorted list of functional contact assignments for the 10 x 10 mm package.
Table 82. 10 x 10 mm supplies contact assignment
Supply Rail Name
Ball(s) Position(s)
Remark
DCDC_IN
L1, L2
—
DCDC_IN_Q
K4
—
DCDC_GND
N1, N2
—
DCDC_LP
M1, M2
—
DCDC_PSWITCH
K3
—
DCDC_SENSE
J5
—
GPANAIO
N10
—
NGND_KEL0
K9
—
NVCC_EMC
E6, F5
—
NVCC_GPIO
E9, F10, J10
—
NVCC_PLL
P10
—
NVCC_SD0
J6
—
NVCC_SD1
K5
—
VDDA_ADC_3P3
N14
—
VDD_HIGH_CAP
P8
—
VDD_HIGH_IN
P12
—
VDD_SNVS_CAP
M10
—
VDD_SNVS_IN
M9
—
VDD_SOC_IN
F6, F7, F8, F9, G6, G9, H6, H9, J9
—
VDD_USB_CAP
K8
—
VSS
A1, A14, B5, B10, E2, E13, G7, G8, H7, H8, J7, J8, K2, K13, L9, N5, N8, P1, P14
—
Table 83. 10 x 10 mm functional contact assignments
Ball Name
10 x
10
Ball
Power
Group
Ball
Type
Default Setting
Default setting on
Reset
Default
Mode
Default
Function
Input/
Output
Value
Input/
Output
Value
CCM_CLK1_N
P13
—
—
—
CCM_CLK1_N
—
—
—
—
CCM_CLK1_P
N13
—
—
—
CCM_CLK1_P
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com