Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 1 Page - NXP Semiconductors

  PIMXRT8024DFP4A Datasheet HTML 1Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 2Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 3Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 4Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 5Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 6Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 7Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1060CEC
Rev. 4, 04/2024
MIMXRT1061DVL6A
MIMXRT1061DVL6B
MIMXRT1061DVJ6A
MIMXRT1061DVJ6B
MIMXRT1062DVL6A
MIMXRT1062DVL6B
MIMXRT1062DVJ6A
MIMXRT1062DVJ6B
MIMXRT106ADVL6A
MIMXRT106ADVL6B
MIMXRT106FDVL6A
MIMXRT106FDVL6B
MIMXRT106PDVL6A
MIMXRT106PDVL6B
MIMXRT106SDVL6B
MIMXRT106VDVL6B
MIMXRT106DDVL6B
MIMXRT106CDVL6B
Package Information
Plastic Package
196-pin MAPBGA, 10 x 10 mm, 0.65 mm pitch
196-pin MAPBGA, 12 x 12 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 6
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
1
i.MX RT1060 Introduction
The i.MX RT1060 is a new processor family featuring
NXP’s advanced implementation of the Arm
Cortex®-M7 core, which operates at speeds up to 600
MHz to provide high CPU performance and best
real-time response.
The i.MX RT1060 processor has 1 MB on-chip RAM.
512 KB can be flexibly configured as TCM or general
purpose on-chip RAM, while the other 512 KB is
general-purpose on-chip RAM. The i.MX RT1060
integrates advanced power management module with
DCDC and LDO that reduces complexity of external
power supply and simplifies power sequencing. The
i.MX RT1060 also provides various memory interfaces,
including SDRAM, RAW NAND FLASH, NOR
FLASH, SD/eMMC, Quad SPI, and a wide range of
other interfaces for connecting peripherals, such as
WLAN, Bluetooth™, GPS, displays, and camera
sensors. The i.MX RT1060 has rich audio and video
features, including LCD display, basic 2D graphics,
camera interface, SPDIF, and I2S audio interface. The
i.MX RT1060 has analog interfaces, such as ADC,
ACMP, and TSC.
i.MX RT1060 Crossover
Processors for Consumer
Products
1. i.MX RT1060 Introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 6
2. Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . 12
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
3. Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.1. Special signal considerations . . . . . . . . . . . . . . . 20
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
4. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
4.1. Chip-Level conditions . . . . . . . . . . . . . . . . . . . . . 23
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 30
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 35
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 42
4.5. External memory interface . . . . . . . . . . . . . . . . . 47
4.6. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 57
4.7. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
4.8. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
4.9. Communication interfaces . . . . . . . . . . . . . . . . . . 70
4.10. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 85
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 85
5.2. Boot device interface allocation . . . . . . . . . . . . . . 85
6. Package information and contact assignments . . . . . . . 90
6.1. 10 x 10 mm package information . . . . . . . . . . . . 90
6.2. 12 x 12 mm package information . . . . . . . . . . . 102
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114


Similar Part No. - PIMXRT8024DFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 100P
i.MX RT1020 Crossover Processors for Industrial Products
Rev. 2, 03/2021
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
PIMXRT8024DFP4A NXP-PIMXRT8024DFP4A Datasheet
1Mb / 115P
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
More results

Similar Description - PIMXRT8024DFP4A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1060IEC NXP-IMXRT1060IEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Industrial Products
Rev. 0.2, 02/2020
IMXRT1060CEC NXP-IMXRT1060CEC Datasheet
1Mb / 111P
i.MX RT1060 Crossover Processors for Consumer Products
Rev. 0.2, 02/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
IMXRT1060IEC NXP-IMXRT1060IEC_V01 Datasheet
1Mb / 114P
i.MX RT1060 Crossover Processors for Industrial Products
07/2020
IMXRT1060XCEC NXP-IMXRT1060XCEC Datasheet
1Mb / 102P
i.MX RT1060X Crossover Processors for Consumer Products
Rev. 1 - 06/2022
IMXRT1040CEC NXP-IMXRT1040CEC Datasheet
1Mb / 106P
i.MX RT1040 Crossover Processors for Consumer Products
Rev. 2 - 01/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com