Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 59 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 55Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 56Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 57Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 58Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 59Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
59
4.6.1.0.2
Ungated clock mode timing
Figure 29 shows the ungated clock mode timings of CSI, and Table 48 describes the timing parameters
(P1–P6) that are shown in the figure. In ungated mode the CSI_VSYNC and CSI_PIXCLK signals are
used, and the CSI_HSYNC signal is ignored.
Figure 29. CSI ungated clock mode—sensor data at falling edge, latch data at rising edge
The CSI enables the chip to connect directly to external CMOS image sensors, which are classified as
dumb or smart as follows:
• Dumb sensors only support traditional sensor timing (vertical sync (VSYNC) and horizontal sync
(HSYNC)) and output-only Bayer and statistics data.
• Smart sensors support CCIR656 video decoder formats and perform additional processing of the
image (for example, image compression, image pre-filtering, and various data output formats).
Table 48. CSI ungated clock mode timing parameters
ID
Parameter
Symbol
Min.
Max.
Units
P1
CSI_VSYNC to pixel clock time
tVSYNC
33.5
—
ns
P2
CSI DATA setup time
tDsu
1
—
ns
P3
CSI DATA hold time
tDh
1
—
ns
P4
CSI pixel clock high time
tCLKh
3.75
—
ns
P5
CSI pixel clock low time
tCLKl
3.75
—
ns
P6
CSI pixel clock frequency
fCLK
—
80
MHz
CSI_PIXCLK
CSI_VSYNC
CSI_DATA[23:00]
P4
P1
P2
P3
P5
P6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com