Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 57Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 58Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 59Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 60Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
61
Figure 31. SAI timing—Master modes
Table 50. Master mode SAI timing
Num
Characteristic
Min
Max
Unit
S1
SAI_MCLK cycle time
15
—
ns
S2
SAI_MCLK pulse width high/low
40%
60%
MCLK period
S3
SAI_BCLK cycle time
40
—
ns
S4
SAI_BCLK pulse width high/low
40%
60%
BCLK period
S5
SAI_BCLK to SAI_FS output valid
—
15
ns
S6
SAI_BCLK to SAI_FS output invalid
0
—
ns
S7
SAI_BCLK to SAI_TXD valid
—
15
ns
S8
SAI_BCLK to SAI_TXD invalid
0
—
ns
S9
SAI_RXD/SAI_FS input setup before SAI_BCLK
15
—
ns
S10
SAI_RXD/SAI_FS input hold after SAI_BCLK
0
—
ns
Table 51. Slave mode SAI timing
Num
Characteristic
Min
Max
Unit
S11
SAI_BCLK cycle time (input)
40
—
ns
S12
SAI_BCLK pulse width high/low (input)
40%
60%
BCLK period
S13
SAI_FS input setup before SAI_BCLK
10
—
ns
S14
SAI_FA input hold after SAI_BCLK
2
—
ns
S15
SAI_BCLK to SAI_TXD/SAI_FS output valid
—
20
ns
S16
SAI_BCLK to SAI_TXD/SAI_FS output invalid
0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com