Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 23Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 24Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 25Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 26Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 30Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
27
The RTC_XTALI is used for low-frequency functions. It supplies the clock for wake-up circuit,
power-down real time clock operation, and slow system and watch-dog counters. The clock input can be
connected to either external oscillator or a crystal using internal oscillator amplifier. Additionally, there is
an internal ring oscillator, which can be used instead of the RTC_XTALI if accuracy is not important.
The system clock input XTALI is used to generate the main system clock. It supplies the PLLs and other
peripherals. The system clock input can be connected to either external oscillator or a crystal using internal
oscillator amplifier.
Table 11 shows the interface frequency requirements.
The typical values shown in Table 11 are required for use with NXP SDK to ensure precise time keeping
and USB operation. For RTC_XTALI operation, two clock sources are available.
• On-chip 40 kHz ring oscillator—this clock source has the following characteristics:
— Approximately 25 µA more Idd than crystal oscillator
— Approximately ±50% tolerance
— No external component required
— Starts up quicker than 32 kHz crystal oscillator
• External crystal oscillator with on-chip support circuit:
— At power up, ring oscillator is utilized. After crystal oscillator is stable, the clock circuit
switches over to the crystal oscillator automatically.
— Higher accuracy than ring oscillator
— If no external crystal is present, then the ring oscillator is utilized
The decision of choosing a clock source should be taken based on real-time clock use and precision
time-out.
4.1.5
Maximum supply currents
The data shown in Table 12 represent a use case designed specifically to show the maximum current
consumption possible. All cores are running at the defined maximum frequency and are limited to L1
cache accesses only to ensure no pipeline stalls. Although a valid condition, it would have a very limited
practical use case, if at all, and be limited to an extremely low duty cycle unless the intention were to
specifically show the worst case power consumption.
Table 11. External input clock frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator1,2
1 External oscillator or a crystal with internal oscillator amplifier.
2 The required frequency stability of this clock source is application dependent. For recommendations, see the Hardware
Development Guide for i.MX RT1060 Crossover Processors (IMXRT1060HDG).
fckil
—
32.7683/32.0
3 Recommended nominal frequency 32.768 kHz.
—
kHz
XTALI Oscillator2,4
4 External oscillator or a fundamental frequency crystal with internal oscillator amplifier.
fxtal
—
24
—
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com