Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 77 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 73Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 74Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 75Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 76Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 77Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 78Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 79Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 80Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
77
4.9.3.3
SDR50/SDR104 AC timing
Figure 45 depicts the timing of SDR50/SDR104, and Table 62 lists the SDR50/SDR104 timing
characteristics.
Figure 45. SDR50/SDR104 timing
Table 62. SDR50/SDR104 interface timing specification
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
5.0
—
ns
SD2
Clock Low Time
tCL
0.46 x tCLK
0.54 x tCLK
ns
SD3
Clock High Time
tCH
0.46 x tCLK
0.54 x tCLK
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in SDR50 (Reference to CLK)
SD4
uSDHC Output Delay
tOD
–3
1
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in SDR104 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
–1.6
1
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in SDR50 (Reference to CLK)
SD6
uSDHC Input Setup Time
tISU
2.5
—
ns
SD7
uSDHC Input Hold Time
tIH
1.5
—
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in SDR104 (Reference to CLK)1
1Data window in SDR104 mode is variable.
SD8
Card Output Data Window
tODW
0.5 x tCLK
—
ns
SCK
4-bit output from uSDHC to card
4-bit input from card to uSDHC
SD8
SD7
SD6
SD4/SD5
SD2
SD3
SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com