Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT8024DFP4A Datasheet(PDF) 51 Page - NXP Semiconductors

Part # PIMXRT8024DFP4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT8024DFP4A Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button PIMXRT8024DFP4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 49Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 53Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 54Page - NXP Semiconductors PIMXRT8024DFP4A Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 119 page
background image
Electrical Characteristics
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
NXP Semiconductors
51
Figure 18. SEMC input timing in SYNC mode
4.5.2
FlexSPI parameters
Measurements are with a load 15 pf and input slew rate of 1 V/ns.
4.5.2.1
FlexSPI input/read timing
There are four sources for the internal sample clock for FlexSPI read data:
•
Dummy read strobe generated by FlexSPI controller and looped back internally
(FlexSPIn_MCR0[RXCLKSRC] = 0x0)
•
Dummy read strobe generated by FlexSPI controller and looped back through the
DQS pad (FlexSPIn_MCR0[RXCLKSRC] = 0x1)
•
Read strobe provided by memory device and input from DQS pad
(FlexSPIn_MCR0[RXCLKSRC] = 0x3)
The following sections describe input signal timing for each of these four internal sample clock sources.
4.5.2.1.1
SDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1
Table 37. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X0
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
60
MHz
TIS
Setup time for incoming data
8.67
—
ns
TIH
Hold time for incoming data
0
—
ns
Table 38. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X1
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
133
MHz
TIS
Setup time for incoming data
2
—
ns
TIH
Hold time for incoming data
1
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com