Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 29 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 29 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 25Page - Motorola, Inc M68ICS08KX Datasheet HTML 26Page - Motorola, Inc M68ICS08KX Datasheet HTML 27Page - Motorola, Inc M68ICS08KX Datasheet HTML 28Page - Motorola, Inc M68ICS08KX Datasheet HTML 29Page - Motorola, Inc M68ICS08KX Datasheet HTML 30Page - Motorola, Inc M68ICS08KX Datasheet HTML 31Page - Motorola, Inc M68ICS08KX Datasheet HTML 32Page - Motorola, Inc M68ICS08KX Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Preparation and Installation
Connecting the KXICS
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Preparation and Installation
29
2.4 Connecting the KXICS
The following steps provide instructions for connecting the KXICS to the host
PC and power connection.
ESD CAUTION:
Ordinary amounts of static electricity from clothing or the work environment
can damage or degrade electronic devices and equipment. For example, the
electronic components installed on the printed circuit board are extremely
sensitive to electrostatic discharge (ESD). Wear a grounding wrist strap
whenever handling any printed circuit board. This strap provides a conductive
path for safely discharging static electricity to ground.
a. Configure the jumpers W-1 through W-4 on the KXICS for your application.
b. Install an MCU into the appropriate socket, XU1, on the KXICS board.
NOTE:
Observe the pin 1 orientation with the silkscreened dot. The top (label side) of
the MCU package must be visible when looking at the component side of the
board.
c. Plug the serial cable into J6 on the KXICS.
d. Plug the serial cable into the COM port on the host PC.
NOTE:
Steps e. through g. should not be completed until all connections to the target
are completed (Paragraph 2.5).
e. Connect the power cable to J2 on the KXICS board.
f. Plug the power cable into an ac power outlet, using one of the country-specific
adapters.
g. The KXICS power LED lights green.
2.5 Connecting the KXICS to the Target System
Connect the KXICS to the target system using one of these methods:
•
Emulating using a flex cable for low-noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com