Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 40 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 40 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 36Page - Motorola, Inc M68ICS08KX Datasheet HTML 37Page - Motorola, Inc M68ICS08KX Datasheet HTML 38Page - Motorola, Inc M68ICS08KX Datasheet HTML 39Page - Motorola, Inc M68ICS08KX Datasheet HTML 40Page - Motorola, Inc M68ICS08KX Datasheet HTML 41Page - Motorola, Inc M68ICS08KX Datasheet HTML 42Page - Motorola, Inc M68ICS08KX Datasheet HTML 43Page - Motorola, Inc M68ICS08KX Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
40
Support Information
MOTOROLA
Support Information
2
GND
Common
3
GND
Common
3.5.4 Power Connector
Power connector, J2, (Table 3-4) is used to connect to a source power supply for the KXICS.
Table 3-4 Power Connector J2 Pin Assignments
Pin
No.
Mnemonic
Signal
3.5.5 RS-232C Communication Connector, J6
The RS-232C Communication Connector, J6, (Table 3-5) provides connection to the host computer.
Table 3-5 RS-232C Communication Connector J6 Pin Assignments
Pin
No.
Mnemonic
Signal
2
RXD
RECEIVE DATA — Output for sending serial data to the DTE device
3TXD
TRANSMIT DATA — Input for receiving serial data output from the DTE
device
4DTR
DATA TERMINAL READY — Switches the KXICS to apply power to
the MCU and related circuitry
5
GND
Common
7
RTS
Controls whether voltage for IRQ* high is VTST or VDD_MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com