Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 53 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 53 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 49Page - Motorola, Inc M68ICS08KX Datasheet HTML 50Page - Motorola, Inc M68ICS08KX Datasheet HTML 51Page - Motorola, Inc M68ICS08KX Datasheet HTML 52Page - Motorola, Inc M68ICS08KX Datasheet HTML 53Page - Motorola, Inc M68ICS08KX Datasheet HTML 54Page - Motorola, Inc M68ICS08KX Datasheet HTML 55Page - Motorola, Inc M68ICS08KX Datasheet HTML 56Page - Motorola, Inc M68ICS08KX Datasheet HTML 57Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
48
S-Record Information
MOTOROLA
S-Record Information
Each record may be terminated with a CR/LF/NULL. Additionally, an S record
may have an initial field to accommodate other data such as line number
generated by some time-sharing systems.
Accuracy of transmission is ensured by the record length (byte count) and
checksum fields.
A.3 S-Record Types
Eight types of S records have been defined to accommodate the several needs
of the encoding, transport, and decoding functions. The various Motorola
upload, download, and other record transport control programs, as well as cross
assemblers, linkers, and other file-creating or debugging programs, utilize only
those S records which serve the purpose of the program.
For specific information on which S records are supported by a particular
program, consult the user manual for the program.
Table A-2. S-Record Field Contents
Field
Printable
Characters
Contents
Type
2
S-record type — S0, S1, etc.
Record
Length
2
Character pair count in the record, excluding the
type and record length.
Address
4, 6, or 8
2-, 3-, or 4-byte address at which the data field is
to be loaded into memory.
Code/Data
0 – 2n
From 0 to n bytes of executable code, memory
loadable data, or descriptive information. For
compatibility with teletypewriter, some programs
may limit the number of bytes to as few as 28
(56 printable characters in the S record).
Checksum
2
Least significant byte of the one’s complement of
the sum of the values represented by the pairs of
characters making up the record length,
address, and the code/data fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com