Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 16 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 16 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 12Page - Motorola, Inc M68ICS08KX Datasheet HTML 13Page - Motorola, Inc M68ICS08KX Datasheet HTML 14Page - Motorola, Inc M68ICS08KX Datasheet HTML 15Page - Motorola, Inc M68ICS08KX Datasheet HTML 16Page - Motorola, Inc M68ICS08KX Datasheet HTML 17Page - Motorola, Inc M68ICS08KX Datasheet HTML 18Page - Motorola, Inc M68ICS08KX Datasheet HTML 19Page - Motorola, Inc M68ICS08KX Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
16
General Information
MOTOROLA
General Information
1.2.1 KXICS Hardware
lists the KXICS hardware components.
1.2.2 ICS Interface Software
Windows-optimized software components are referred to, collectively, as the
KXICS software (part number ICS08KX). It is a product of P&E
Microcomputer Systems, Inc. and is included in the KXICS kit ().
Table 1-2. Hardware Connector Components
Components
Description
XU1
Test socket for the Motorola MC68HC908KX8 MCU: 16-pin
DIP (dual in-line package)
J1
Two 2-row
× 20-pin, 0.1-inch spacing connectors to connect
the KXICS to a target using the M68CLB05A flex cable
J2
+5 Vdc input voltage (VDD)
J3
One 2-row
× 8-pin, 0.1-inch spacing connector to connect to a
remote target via the MON08 debug circuit.
J4
J4 is the clock output that may be used for synchronizing a
target or test equipment to the KXICS clock.
J5
One 2-row
× 8-pin, 0.3-inch spacing dual in-line package (DIP)
socket to allow the KXICS to be connected to the target using
a ribbon cable
J6
RS-232 to interface KXICS to host computer serial connector
(DEKL-9SAT-F)
Table 1-3. Software Components
Components
Description
WINIDE.EXE
Integrated development environment (IDE) software
interface for editing and performing software or
in-circuit simulation
CASM08Z.EXE
CASM08Z command-line cross-assembler
ICS08SZ.EXE
In-circuit/stand-alone simulator software for the
MC68HC908KX8 MCU
PROG08SZ.EXE
FLASH memory programming software
ICD08SZ.EXE
In-circuit debugging software for limited, real-time
emulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com