Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 62 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 62 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 58Page - Motorola, Inc M68ICS08KX Datasheet HTML 59Page - Motorola, Inc M68ICS08KX Datasheet HTML 60Page - Motorola, Inc M68ICS08KX Datasheet HTML 61Page - Motorola, Inc M68ICS08KX Datasheet HTML 62Page - Motorola, Inc M68ICS08KX Datasheet HTML 63Page - Motorola, Inc M68ICS08KX Datasheet HTML 64Page - Motorola, Inc M68ICS08KX Datasheet HTML 65Page - Motorola, Inc M68ICS08KX Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Quick Start Hardware Configuration Guide
Connecting to a Target System
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Quick Start Hardware Configuration Guide
57
B.4 Connecting to a Target System
The three ways to connect the M68ICS08KX simulator board to a target system
are via:
•
The flex cable
•
The ribbon cable
•
The MON08 cable
Connect the simulator board to the target system using one of these methods:
•
Using a flex cable
When emulating an MC68HC908KX MCU, connect the 16-pin
M68CLB05A flex cable (may be ordered) to the connectors labeled J1.
Attach the other end of the cable to the appropriate connector on the
target system. Target head adapters are available for the 16-pin SDIP,
16-pin DIP, and 16-pin SOIC versions of the MCU.
•
Using a ribbon cable
When emulating an MC68HC908KX MCU connect a 16-pin flat ribbon
cable to connector J5 on the simulator board. Attach the other end of the
cable to the appropriate connector on the target system.
•
Using a MON08 cable
Connect the MON08 debug interface cable to the MON08 debug
interface connector J3 for communication with the target system’s MCU.
The MON08 cable lets you program and debug the target system’s MCU
FLASH. An MCU must be installed in the target system, and there
should be no MCU installed in the KXICS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com