Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 11 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 11 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 7Page - Motorola, Inc M68ICS08KX Datasheet HTML 8Page - Motorola, Inc M68ICS08KX Datasheet HTML 9Page - Motorola, Inc M68ICS08KX Datasheet HTML 10Page - Motorola, Inc M68ICS08KX Datasheet HTML 11Page - Motorola, Inc M68ICS08KX Datasheet HTML 12Page - Motorola, Inc M68ICS08KX Datasheet HTML 13Page - Motorola, Inc M68ICS08KX Datasheet HTML 14Page - Motorola, Inc M68ICS08KX Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
General Information
11
User’s Manual — M68ICS08KX In-Circuit Simulator
Section 1. General Information
1.1 Introduction
This section provides general information about the Motorola M68ICS08KX
in-circuit simulator (KXICS).
The KXICS board (Figure 1-1) is a stand-alone development and debugging
tool. It contains the hardware and software needed to develop and simulate
source code and to program Motorola’s MC68HC908KX8 microcontroller
(MCU).
The KXICS and it’s software form a complete editor, assembler, programmer,
simulator, and limited real-time input/output emulator for the MCU. When
connection is made between a host PC (personal computer) and target hardware
(your prototype product), actual inputs and outputs of the target system may be
used during code simulation.
The KXICS can interface with any IBMWindows 95-based computer (or
later version) through connection of a single RS-232 serial port using a DE-9
serial cable.
Connection to the target system is accomplished by a ribbon cable, a Motorola
M68CLB05A flex cable, or a MONO8 cable. The ribbon cable or flex cable is
used when an MCU is resident on the KXICS for emulation or simulation, and
the MONO8 cable is used to debug or program a target system’s MCU, directly,
when the MCU resides on the target hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com