Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 33 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 33 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 29Page - Motorola, Inc M68ICS08KX Datasheet HTML 30Page - Motorola, Inc M68ICS08KX Datasheet HTML 31Page - Motorola, Inc M68ICS08KX Datasheet HTML 32Page - Motorola, Inc M68ICS08KX Datasheet HTML 33Page - Motorola, Inc M68ICS08KX Datasheet HTML 34Page - Motorola, Inc M68ICS08KX Datasheet HTML 35Page - Motorola, Inc M68ICS08KX Datasheet HTML 36Page - Motorola, Inc M68ICS08KX Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
Support Information
KXICS Theory of Operation
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Support Information
33
the rest of the board until the signal DTR is active high on pin 4 of the serial
connector, J6.
Test points are provided for common (TP1), power input VDD (TP3), switched
main power VDD_SW (TP5), power to the MCU VDD_MCU (TP4), and VTST
(TP2).
3.4.1.1 Main Switched Power
Power to the MCU sockets and circuitry is switched on and off using the DTR
signal into the serial interface (J6). When DTR is low, the power to the MCU
socket is off, and the amber LED is off. When DTR is asserted high, transistor
Q3 will turn on FET Q2 which provides power to the MCU circuitry. if W2 is
selected positions 1 and 2. VTST voltage is sent to the MCU along with the reset
signal being held low briefly following power-up. The MCU is forced to
power-up in the Monitor Mode.
NOTE:
The source of power for the MCU is selected by jumper2. Refer to Section 2,
Table 2-1.
The amber LED, DS2, lights when there is power to the MCU socket.
CAUTION:
There is no over-current protection on the board protecting against
catastrophic failures if the MCU is powered from the target. Equipment damage
can result.
The power to the MCU is selected by jumper W2. With the jumper in the 5V
position, the MCU will be powered by the 5V circuitry, i.e., from the plug in the
power supply). With W2 in the LO V position, the MCU will be powered by the
on-board low voltage regulator (U6). The low voltage is selected by jumper W1
which has preset voltages of 3.3V, 3.0V, 2.7V, 2.2V, 2.0V, and a poteniometer
for adjusting the voltage.
CAUTION:
The MCU may be set to operate at a variety of voltages. Ensure the selected
voltage matches the voltage of the target. Failure to do so can result in
equipment damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com