Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 17 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 17 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 13Page - Motorola, Inc M68ICS08KX Datasheet HTML 14Page - Motorola, Inc M68ICS08KX Datasheet HTML 15Page - Motorola, Inc M68ICS08KX Datasheet HTML 16Page - Motorola, Inc M68ICS08KX Datasheet HTML 17Page - Motorola, Inc M68ICS08KX Datasheet HTML 18Page - Motorola, Inc M68ICS08KX Datasheet HTML 19Page - Motorola, Inc M68ICS08KX Datasheet HTML 20Page - Motorola, Inc M68ICS08KX Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
General Information
Hardware and Software Requirements
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
General Information
17
1.3 Hardware and Software Requirements
The KXICS software requires this minimum hardware and software
configuration:
•
Windows 95 or later version operating system
•
Approximately 2 Mbytes of available random-access memory (RAM)
and 5 Mbytes of free disk space
•
A serial port for communications between the KXICS and the host
computer
1.4 Specifications
Table 1-4 summarizes the KXICS hardware specifications.
1.5 About This Manual
The procedural instructions in this manual assume that the user is familiar with
the Windows interface and selection procedures.
1.6 Customer Support
To obtain information about technical support or ordering parts, call the
Motorola help desk at 800-521-6274.
Table 1-4. KXICS Board Specifications
Characteristic
Specification
Temperature:
Operating
Storage
0
° to 40°C
–40
° to +85°C
Relative humidity
0 to 95%, non-condensing
Power requirement
+5 Vdc, from included ac/dc adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com