Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 64 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 64 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 60Page - Motorola, Inc M68ICS08KX Datasheet HTML 61Page - Motorola, Inc M68ICS08KX Datasheet HTML 62Page - Motorola, Inc M68ICS08KX Datasheet HTML 63Page - Motorola, Inc M68ICS08KX Datasheet HTML 64Page - Motorola, Inc M68ICS08KX Datasheet HTML 65Page - Motorola, Inc M68ICS08KX Datasheet HTML 66Page - Motorola, Inc M68ICS08KX Datasheet HTML 67Page - Motorola, Inc M68ICS08KX Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Glossary
59
User’s Manual — M68ICS08KX In-Circuit Simulator
Glossary
8-bit MCU — A microcontroller whose data is communicated over a data bus
made up of eight separate data conductors. Members of the
MC68HC908 Family of microcontrollers are 8-bit MCUs.
A — An abbreviation for the accumulator of the MC68HC908KX8 MCU.
accumulator — An 8-bit register of the MC68HC908KX8 CPU. The contents
of this register may be used as an operand of an arithmetic or logical
instruction.
assembler — A software program that translates source code mnemonics into
opcodes that can then be loaded into the memory of a microcontroller.
assembly language — Instruction mnemonics and assembler directives that
are meaningful to programmers and can be translated into an object
code program that a microcontroller understands. The CPU uses
opcodes and binary numbers to specify the operations that make up a
computer program. Humans use assembly language mnemonics to
represent instructions. Assembler directives provide additional
information such as the starting memory location for a program. Labels
are used to indicate an address or binary value.
ASCII — American Standard Code for Information Interchange. A widely
accepted correlation between alphabetic and numeric characters and
specific 7-bit binary numbers.
breakpoint — During debugging of a program, it is useful to run instructions
until the CPU gets to a specific place in the program, and then enter a
debugger program. A breakpoint is established at the desired address
by temporarily substituting a software interrupt (SWI) instruction for
the instruction at that address. In response to the SWI, control is passed
to a debugging program.
byte — A set of exactly eight binary bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com