Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 32 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 32 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 28Page - Motorola, Inc M68ICS08KX Datasheet HTML 29Page - Motorola, Inc M68ICS08KX Datasheet HTML 30Page - Motorola, Inc M68ICS08KX Datasheet HTML 31Page - Motorola, Inc M68ICS08KX Datasheet HTML 32Page - Motorola, Inc M68ICS08KX Datasheet HTML 33Page - Motorola, Inc M68ICS08KX Datasheet HTML 34Page - Motorola, Inc M68ICS08KX Datasheet HTML 35Page - Motorola, Inc M68ICS08KX Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
32
Support Information
MOTOROLA
Support Information
Depending on the connection, the MCU is used in one of three operating modes:
•
In the KXICS socket for programming and simple simulation
•
In the KXICS socket and connected to the target for emulation
•
On the target for MON08 debug operation
3.3 Level Translation
NOTE:
For the following discussion on the theory of operation of the KXICS, refer to
the schematic diagrams in Paragraph 3.6, Figures 3-1 to 3-6 of this section.
The KXICS has an operation voltage range of +2.0 to +5.0 volts while the host
development system interface is an RS-232 (COM) port. U12 on the ICS
converts 5-volt logic signals to RS-232 levels. ICS U10–U13 translate 5-volt
logic levels to the MCU operating voltage (2.0–3.3 volts).
3.4 KXICS Theory of Operation
NOTE:
For the following discussion on the theory of operation of the KXICS, refer to
the schematic diagrams in Paragraph 3.7.
3.4.1 Power Supply
Power input, J2, to the KXICS is via a standard DC power receptacle with a
2.5mm center pin. Input voltage is 5Vdc provided by a plug in the DC power
adapter.
The power is fused to prevent catastrophic failure by fuse F1 (5x20mm or 3AG
fuse).
CAUTION:
Always use a fuse of the proper current and voltage rating. Failure to do so can
result in serious equipment damage
In addition, the input line has a Transient Voltage Suppression (TVS) diode to
stop high voltage transients, including ESD events, from damaging the board.
A green LED is provided to indicate that 5VDC is being provided to the board,
with the ON/Off switch in the ON position. Power, however, is not available to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com