Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 66 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 66 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 62Page - Motorola, Inc M68ICS08KX Datasheet HTML 63Page - Motorola, Inc M68ICS08KX Datasheet HTML 64Page - Motorola, Inc M68ICS08KX Datasheet HTML 65Page - Motorola, Inc M68ICS08KX Datasheet HTML 66Page - Motorola, Inc M68ICS08KX Datasheet HTML 67Page - Motorola, Inc M68ICS08KX Datasheet HTML 68Page - Motorola, Inc M68ICS08KX Datasheet HTML 69Page - Motorola, Inc M68ICS08KX Datasheet HTML 70Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
Glossary
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Glossary
61
cycles — See CPU cycles.
data bus — A set of conductors that are used to convey binary information
from a CPU to a memory location or from a memory location to a CPU;
in the MC68HC908KX8, the data bus is 8-bits.
development tools — Software or hardware devices used to develop computer
programs and application hardware. Examples of software
development tools include text editors, assemblers, debug monitors,
and simulators. Examples of hardware development tools include
simulators, logic analyzers, and PROM programmers. An in-circuit
simulator combines a software simulator with various hardware
interfaces.
EPROM — Erasable, programmable read-only memory. A non-volatile type
of memory that can be erased by exposure to an ultra-violet light
source. MCUs that have EPROM are easily recognized by their
packaging: a quartz window allows exposure to UV light. If an
EPROM MCU is packaged in an opaque plastic package, it is termed a
one-time-programmable OTP MCU, since there is no way to erase and
rewrite the EPROM.
EEPROM — Electrically erasable, programmable read-only memory.
H — Abbreviation for half-carry in the condition code register of the
MC68HC908KX8. This bit indicates a carry from the low-order four
bits of an 8-bit value to the high-order four bits. This status indicator is
used during BCD calculations.
I — Abbreviation for interrupt mask bit in the condition code register of the
MC68HC908KX8.
index register — An 8-bit CPU register in the MC68HC908KX8 that is used
in indexed addressing mode. The index register (X) also can be used as
a general-purpose 8-bit register in addition to the 8-bit accumulator.
input-output (I/O) — Interfaces between a computer system and the external
world. For example, a CPU reads an input to sense the level of an
external signal and writes to an output to change the level on an
external signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com