Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 41 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 41 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 37Page - Motorola, Inc M68ICS08KX Datasheet HTML 38Page - Motorola, Inc M68ICS08KX Datasheet HTML 39Page - Motorola, Inc M68ICS08KX Datasheet HTML 40Page - Motorola, Inc M68ICS08KX Datasheet HTML 41Page - Motorola, Inc M68ICS08KX Datasheet HTML 42Page - Motorola, Inc M68ICS08KX Datasheet HTML 43Page - Motorola, Inc M68ICS08KX Datasheet HTML 44Page - Motorola, Inc M68ICS08KX Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
Support Information
Parts List
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Support Information
41
3.6 Parts List
Table 3-6. KXICS Parts List (Rev F)
Reference
Designator
Description
Manufacturer
Part Number
Printed Circuit Board Assembly
01-RE10080W01
Test Procedure, ICS08KX
12ASE10080W
Test Fixture, ICS08KX
81ASE10080W
Printed Wiring Board, ICS08KX
84-RE10080WO1
Feet Rubber 0.5" Tapered
squares
FASTEX
4009-00-5072
C8, C9, C28
Cap 47 uF Tantalum low ESR 16V
AVX
TPSD476M016R0150
C2-C7,C11-C16,
C19-C27
Cap 0.2 uF Ceramic Z5U 50V
0805
AVX
08055E104ZAT2A
C1, C17, C18
Cap 10 uF Tantalum 16V
AVX
TAJC106M016
C10, C29
Cap 560 pF Ceramic COG 50V
0805
AVX
08055A561KAT2A
D3, D4
Diode, Schottky, MBRA130
Motorola/ON Semi
MBRA130
D1, D5
Diode, TVS, 1SMA6.OAT3
Motorola/ON Semi
1SMA6.OAT3
D2, D6
Diode, Schottky, MBR0520
Motorola/ON Semi
MBR0520
DS1
LED Green, LED_1206
Lumex
SML-LX1206GC
DS2
LED Amber, LED_1206
Lumex
SML-LX1206YC
F1
Fuse 0.5A 250V 5x20mm Fast
Schurter
0034.1523
J2
Conn Pwr Jack RT ANG 2.5mm
Center Pin
CUI Stacck
PJ-202B
J6
Conn DE9, Socket, R/A
Cinch
DEKL-9SATI-F
J4, W2-W4
Hdr, 3x1, 100, JPR_3
3M
2403-6112TB
J3
Hdr, 8x2, 100, SHRD
3M
2516-6002-UG
J1
Hdr, 2x20, 0.100.SHRD
3M
2540-6002-UG
J5
SKT 16 Pin DIP
Augat
816-AG11D
L2
IND, 180uH, SMT
Murata
LQH4N181K04
L1
ind, 10uH, SMT
Murata
LQH1N100K04
Q2
XSTR PFET MMFT5P02 SOT223
Motorola/ON Semi
MMFT5P02HD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com