Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 60 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 60 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 56Page - Motorola, Inc M68ICS08KX Datasheet HTML 57Page - Motorola, Inc M68ICS08KX Datasheet HTML 58Page - Motorola, Inc M68ICS08KX Datasheet HTML 59Page - Motorola, Inc M68ICS08KX Datasheet HTML 60Page - Motorola, Inc M68ICS08KX Datasheet HTML 61Page - Motorola, Inc M68ICS08KX Datasheet HTML 62Page - Motorola, Inc M68ICS08KX Datasheet HTML 63Page - Motorola, Inc M68ICS08KX Datasheet HTML 64Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
Quick Start Hardware Configuration Guide
Installing the Hardware
M68ICS08KX In-Circuit Simulator
User’s Manual
MOTOROLA
Quick Start Hardware Configuration Guide
55
B.1.2 Target Interface Cable Connections
Below (Table 4-4) is a quick reference for defining the cable/connector setup to
use with the MC68HC908KX8
Table 4-3 Cable/Connector Options for MCUs
B.1.3 Host Computer — KXICS Interconnection (J6)
Connect the DE9 serial cable. Connect one end of this cable to your host PC and
the other end to connector J6 on the KXICS board.
B.2 Installing the Hardware
For installing Motorola development tools, the following steps provide
installation instructions for the KXICS hardware.
To prepare the KXICS (Figure 2-1) for use with a host PC:
1.
Install an MCU (DIP or SOIC) into the KXICS board.
DIP-type MCU:
a. Place the pin tension arm of the KXICS DIP socket XU1 in the up
position.
b.
Install the DIP type MCU into the DIP socket XU1. Be sure that the
pin 1 orientation of the silkscreened dot on the MCU aligns with the
pin 1 location on the DIP socket (upper left pin of the socket) .
c. Place the pin tension arm of the KXICS DIP socket XU1 in the
down position to secure the pins of the MCU to the socket.
NOTE:
The top (label side) of the MCU package must be visible when looking at the
component side of the board.
SOIC-type MCU:
MCU
Flex Cable
Ribbon
Cable
MON08
Cable
MC68HC908KX8
J1
J5
J3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com