Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68ICS08KX Datasheet(PDF) 34 Page - Motorola, Inc

Part # M68ICS08KX
Description  In-circuit Simulator Board
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68ICS08KX Datasheet(HTML) 34 Page - Motorola, Inc

Back Button M68ICS08KX Datasheet HTML 30Page - Motorola, Inc M68ICS08KX Datasheet HTML 31Page - Motorola, Inc M68ICS08KX Datasheet HTML 32Page - Motorola, Inc M68ICS08KX Datasheet HTML 33Page - Motorola, Inc M68ICS08KX Datasheet HTML 34Page - Motorola, Inc M68ICS08KX Datasheet HTML 35Page - Motorola, Inc M68ICS08KX Datasheet HTML 36Page - Motorola, Inc M68ICS08KX Datasheet HTML 37Page - Motorola, Inc M68ICS08KX Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
User’s Manual
M68ICS08KX In-Circuit Simulator
34
Support Information
MOTOROLA
Support Information
3.4.1.2 VTST Power
VTST is created by a voltage regulator, MC34063, nominally set for 8.6VDC.
This keeps the worst case voltage at greater than VDD +3VDC, meeting VTST
voltage minimums. The voltage may be monitored at VTST test point TP2.
VTST is used during start-up to force the MCU into the Monitor Mode.
3.4.1.3 Reset on Power-up
At initial power-on to the MCU, there is a delay of a few hundred milliseconds
during which the signal ICS_RST# is held low, as set by U8 (DS1233).
When ICS_RST# goes high, the binary ripple counter, U3, begins counting
clock cycles, at the 9.8304MHz rate of the clock Y1. After 1024 clock cycles
are counted, the DELAY_RESET signal toggles and the counter stops counting.
The delayed reset signal is used to turn-on communications to the MCU and to
hold several MCU pins in appropriate states to force Monitor Mode on
power-up.
3.4.2 Serial Communications
Serial communication in half-duplex mode, using PTA0 for transmit and
receive, to the MCU is via the DE9 connector, J6. Pin 2 is the path for transmit
signals and pin 3 is for receive signals. Pin 4, the DTR signal, is utilized as an
input to provide the software host with the ability to turn MCU power on and
off. The RTS signal on contact 7 is used as an input to provide the software host
with the ability to control the IRQ* high voltage.
Serial communication to the MCU does not occur until DELAY_RESET
becomes active high 1024 clock cycles after the RESET signal is high (para
3.4.1.3).
3.4.3 Clock Selection
The source of timing for the MCU may be either the KXICS board’s clock Y1
or the MCU’S internal clock. Selection is by jumper header W-4 (Table 2-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com