Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 107 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 107 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments DAC39RFS10 Datasheet HTML 106Page - Texas Instruments DAC39RFS10 Datasheet HTML 107Page - Texas Instruments DAC39RFS10 Datasheet HTML 108Page - Texas Instruments DAC39RFS10 Datasheet HTML 109Page - Texas Instruments DAC39RFS10 Datasheet HTML 110Page - Texas Instruments DAC39RFS10 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 175 page
background image
Figure 7-107. ECOUNT_CLR Register
7
6
5
4
3
2
1
0
RESERVED
ECOUNT_CLR
R/W-00h
R/W-0b
Table 7-80. ECOUNT_CLR Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
ECOUNT_CLR
R/W
0b
Program this to a 1 and then to 0 to clear the ECOUNT counters
7.5.3.47 ESDONE Register (Offset = 01F6h) [reset = NA, read-only]
ESDONE is shown in Figure 7-108 and described in Table 7-81.
Return to the Register Summary Table.
Eye-Scan Process Done
Note
Only lanes 6 and 14 are connected on DDS devices. All other lanes are disconnected.
Figure 7-108. ESDONE Register
7
6
5
4
3
2
1
0
ESDONE[15:8]
R
ESDONE[7:0]
R
Table 7-81. ESDONE Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
ESDONE[15:0]
R
NA
ESDONE[n] returns a 1 to indicate that the eye-scan procedure is
completed on physical lane n. You must make sure that ESDONE[n]
returns 1 before reading ESVO_S[n] or ECOUNT[n].
7.5.3.48 ESVO_S[15:0] Register (Offset = 0200h) [reset = NA, read-only]
ESVO_S[15:0] is shown in Figure 7-109 and described in Table 7-82.
Return to the Register Summary Table.
Eye-Scan Voltage Offset for SerDes lane n, n = 0 - 15. ESVO_S[0] is at the lowest address.
Note
Only lanes 6 and 14 are connected on DDS devices. All other lanes are disconnected.
Figure 7-109. ESVO_S[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
ESVO_S[n]
R
R
Table 7-82. ESVO_S[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
NA
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
107
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com