Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 104 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 104 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments DAC39RFS10 Datasheet HTML 106Page - Texas Instruments DAC39RFS10 Datasheet HTML 107Page - Texas Instruments DAC39RFS10 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 175 page
background image
Figure 7-101. LANE_EQS[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
EQOVER[n]
EQUNDER[n]
EQLEVEL_S[n]
R
R
R
R
Table 7-74. LANE_EQS[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
6
EQOVER[n]
R
EQOVER status for PHY lane n pre/post cursor analysis. See Pre/
Post Cursor Analysis Procedure.
5
EQUNDER[n]
R
EQUNDER status for PHY lane n pre/post cursor analysis. See Pre/
Post Cursor Analysis Procedure..
4
EQLEVEL_S[n]
R
This field returns the equalizer level currently in effect for lane n. This
is the count of the number of bits set in the thermometer encoded
value from the stsrx EQLEVEL_S field for lane n.
7.5.3.41 ESRUN Register (Offset = 01F0h) [reset = 00h]
ESRUN is shown in Figure 7-102 and described in Table 7-75.
Return to the Register Summary Table.
Eye-Scan Run Control
Figure 7-102. ESRUN Register
7
6
5
4
3
2
1
0
RESERVED
ESRUN
R/W-00h
R/W-0b
Table 7-75. ESRUN Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
00h
0
ESRUN
R/W
0b
After setting up eye-scan, set ESRUN=1 to run the eye-scan test.
See Eye Scan Procedure.
7.5.3.42 ES_CTRL Register (Offset = 01F1h) [reset = 00h]
ES_CTRL is shown in Figure 7-103 and described in Table 7-76.
Return to the Register Summary Table. Note: Only change this register while ESRUN=0.
Eye-Scan Control
Figure 7-103. ES_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
ESLEN
ES
R/W-00b
R/W-00b
R/W-0h
Table 7-76. ES_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
ES_CTRL
R/W
00b
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
104
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com