Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 101 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 101 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 97Page - Texas Instruments DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 175 page
background image
Figure 7-96. BER_CNT Register (continued)
R/W-0b
Table 7-68. BER_CNT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BER_CNT[n]
R/W
0h
Returns the number of bit errors detected on lane n. This value will
saturate at 255. The BER for lane n can be computed as follows:
BER = BER_CNT[n] / FBIT / TBER
Where TBER is the number of seconds that has elapsed from
when BER_EN was set to when BER_CNT[n] was read. TBER is
measured by the host system or clock.
Example: If BER_CNT[n] returns 2, and FBIT is 12.8Gbps, and
TBER is 3600 seconds, the bit-error-rate is 2/12.8e9/3600 = 43e-15
Note: The error counters on disabled lanes and lanes enabled by
EXTRA_LANE are undefined.
7.5.3.36 JPHY_CTRL Register (Offset = 01C1h) [reset = 43h]
JPHY_CTRL is shown in Figure 7-97 and described in Table 7-69.
Return to the Register Summary Table.
JESD204C SerDes Control. Note: This register should only be changed when JESD_EN = 0.
Figure 7-97. JPHY_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
CDR
RESERVED
OC_EN
LOS_EN
R/W-0b
R/W-100b
R/W-0b
R/W-1b
R/W-1b
Table 7-69. JPHY_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0b
6-4
CDR
R/W
100b
Control CDR (clock-data-recovery) setting. The default value should
be appropriate, but other settings can be used to adjust the tracking
rate or reduce CDR power consumption. The 2nd order modes are
for tracking a frequency offset when the Tx and Rx do not share a
common reference clock. This is not applicable to JESD204C. See
CDR Settings.
3-2
RESERVED
R/W
00b
1
OC_EN
R/W
1b
Enable offset compensation/calibration for all lanes.
0
LOS_EN
R/W
1b
Enable loss-of-signal detector for all lanes.
Table 7-70. CDR Settings
CDR
Vote Threshold
Tracking Rate [ppm] Order
Settling Time [UI]
Activity %
0
15
313
2nd
36
83
1
7
607
2nd
36
70
2
3
723
2nd
36
50
3
1
868
2nd
36
25
4 (default)
15
96
1st
36
83
5
3
289
1st
36
50
6
1
434
1st
36
25
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com