Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 102 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 102 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments DAC39RFS10 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 175 page
background image
Table 7-70. CDR Settings (continued)
CDR
Vote Threshold
Tracking Rate [ppm] Order
Settling Time [UI]
Activity %
7
7
13
1st
1524
5
7.5.3.37 EQ_CTRL Register (Offset = 01C2h) [reset = 00h]
EQ_CTRL is shown in Figure 7-98 and described in Table 7-71.
Return to the Register Summary Table.
SerDes Equalizer Control
Figure 7-98. EQ_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
EQ_OVR
EQZ_OVR
EQHLD
EQMODE
R/W-000b
R/W-0b
R/W-0b
R/W-0b
R/W-00b
Table 7-71. EQ_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
000b
4
EQ_OVR
R/W
0b
When EQMODE=1, you can program EQ_OVR=1 to over-ride the
equalizer level using the EQLEVEL[n] registers. Affects all lanes.
3
EQZ_OVR
R/W
0b
Set this bit to enable the EQZERO register (to override the
equalizer’s zero frequency). When EQZ_OVR=0, the frequency is
set based on the RATE register. Affects all lanes.
2
EQHLD
R/W
0b
When the equalizer is in fully-adaptive mode (EQMODE=1 and
EQ_OVR=0), programming EQHLD will freeze (hold) the adaptation
loop (for all lanes).
1-0
EQMODE
R/W
00b
Sets the equalizer mode (for all lanes): See Equalizer.
0: Equalizer disabled. Flat response with maximum gain.
1: Equalizer enabled. The equalizer is fully adaptive if EQ_OVR=0.
2: Precursor equalization analysis.
3: Postcursor equalization analysis.
7.5.3.38 EQZERO Register (Offset = 01C3h) [reset = 00h]
EQZERO is shown in Figure 7-99 and described in Table 7-72.
Return to the Register Summary Table.
SerDes Equalizer Zero.
Figure 7-99. EQZERO Register
7
6
5
4
3
2
1
0
RESERVED
EQZERO
R/W-000b
R/W-00h
Table 7-72. EQZERO Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
000b
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com