Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 103 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 103 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 99Page - Texas Instruments DAC39RFS10 Datasheet HTML 100Page - Texas Instruments DAC39RFS10 Datasheet HTML 101Page - Texas Instruments DAC39RFS10 Datasheet HTML 102Page - Texas Instruments DAC39RFS10 Datasheet HTML 103Page - Texas Instruments DAC39RFS10 Datasheet HTML 104Page - Texas Instruments DAC39RFS10 Datasheet HTML 105Page - Texas Instruments DAC39RFS10 Datasheet HTML 106Page - Texas Instruments DAC39RFS10 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 175 page
background image
Table 7-72. EQZERO Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4-0
EQZERO
R/W
00h
When EQZ_OVR=1, this field over-rides the equalizer’s zero
frequency (for all lanes). When EQZ_OVR=0, the zero frequency is
set automatically based on the RATE setting.
0x1F: 365 MHz (default setting for full and half-rate, RATE = 0 or 1)
0x1E: 275 MHz
0x1D: 195 MHz
0x1B: 140 MHz (default setting for quarter-rate mode, RATE = 2)
0x19: 105 MHz
0x10: 75 MHz
0x08: 55 MHz (default setting for eighth-rate, RATE = 3)
0x00: 50 MHz
7.5.3.39 LANE_EQ[15:0] Register (Offset = 01D0h) [reset = 08h]
LANE_EQ[15:0] is shown in Figure 7-100 and described in Table 7-73.
Return to the Register Summary Table.
SerDes Equalizer Level for Physical Lane [n]. LANE_EQ[0] is at the lowest address.
Note
Only lanes 6 and 14 are connected on DDS devices. All other lanes are disconnected.
Figure 7-100. LANE_EQ[15:0] Register
7
6
5
4
3
2
1
0
RESERVED
EQBOOST[n]
EQLEVEL[n]
R/W-0b
R/W-00b
R/W-00h
Table 7-73. LANE_EQ[15:0] Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0b
6-5
EQBOOST[n]
R/W
00b
Controls EQ boost for physical lane n.
EQBOOST : GAIN Boost : BW Change : Power Increase
0 : 0dB : 0% : 0mW
1 : 2dB : -30% : 0mW
2 : 4dB : +10% : 5mW
3 : 6dB : -20% : 5mW
4-0
EQLEVEL[n]
R/W
00h
When EQ_OVR=1, this field controls the equalization level for
lane n. The valid range is from 0 (least equalization) to 16 (most
equalization).
7.5.3.40 LANE_EQS[15:0] Register (Offset = 01E0h) [reset = NA, read only]
LANE_EQS[15:0] is shown in Figure 7-101 and described in Table 7-74.
Return to the Register Summary Table.
Serdes Equalizer Status for Physical Lane n
Note
Only lanes 6 and 14 are connected on DDS devices. All other lanes are disconnected.
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
103
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com