Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 25Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 26Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 27Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 28Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 29Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 30Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 31Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 32Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 29
3. While in the DRIVE state, set SEQ_CONTINUE = 1 to repeat the sequence.
4. When the haptic sequence is completed, DA7282 will signal this by setting nIRQ = 0 and setting
SEQ_DONE_M = 1. DA7282 will then return to IDLE or STANDBY state, depending on the value of
STANDBY_EN.
5. Clear the nIRQ and SEQ_DONE_M signals, set SEQ_DONE_M =1.
6. At any time during operation in RTWM mode, set OPERATION_MODE or SEQ_START = 0 to return to the
IDLE or STANDBY state.
Output starts
switching
Write
OPERATION_MODE = 3
IDLE/STANDBY
Sequence
playback
Write SEQ_DONE_M = 1
to clear register and nIRQ
DA7282
ready to
play next
sequence
Sequence is
continued
Are PS_SEQ_ID and
PS_SEQ_LOOP already
configured?
Configure the
PS_SEQ_LOOP
register
Yes
No
Create a start
event by writing to
SEQ_START
SEQ_CONTINUE = 1?
Select a sequence
via PS_SEQ_ID
No
Yes
OPERATION_MODE = 3?
Yes
No
nIRQ = 0 and
SEQ_DONE_M = 1
Sequence playback is
complete and output
stops switching
SEQ_CONTINUE
can be set if
required during
playback
Can be skipped
for subsequent
sequence
playbacks
Figure 15. Operation in RTWM mode
6.6.5.5
Edge Triggered Waveform Memory (ETWM) Mode
The following registers should be set up prior to operation in ETWM mode:
▪ Set SNP_MEM_x (where x = 0 to 99), see Section 6.8.
▪ Set FREQ_WAVEFORM_TIMEBASE according to the minimum or maximum sequence timebase required.
▪ If custom waveform sequences are required, see Section 6.7.5.
▪ Set WAV_MEM_LOCK = 0 to prohibit access to the waveform memory if required.
Figure 16 shows how to operate the device in ETWM mode.
1. Before first-time playback, set GPIx_SEQUENCE_ID, GPI_x_MODE, and GPIx_POLARITY, see Section
6.2.7. These bits determine which sequence each of the GPI pins points to, whether they trigger single or
multiple sequences, and whether they react to rising, falling, or both edges.
2. Set PS_SEQ_ID and PS_SEQ_LOOP to select the sequence to play from Waveform Memory when a start
event is created via writing to I2C (SEQ_START).
NOTE
If this has already been done, then this step can be skipped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com