Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 55Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 56Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 57Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 58Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 59Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 60Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 61Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 62Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 59
Table 36. CALIB_IMP_L (0x0012)
Bit
Mode
Symbol
Description
Reset
[1:0]
RO
IMPEDANCE_L
LS-bits of calculated impedance (default 22 Ω), see Section 6.7.3
������������������������������������������������������ (Ω) = 4 × 62.5 × 10−3 × ������������������������������������������������������_������
+ 62.5 × 10−3 × ������������������������������������������������������_������
0x0
Table 37. TOP_CFG1 (0x0013)
Bit
Mode
Symbol
Description
Reset
[7]
RW
EMBEDDED_MODE
Embedded operation enable (self-clearing IRQs), see Section 6.7.7
0x0 = Faults cleared by host
0x1 = DA7282 clears faults automatically
0x0
[5]
RW
ACTUATOR_TYPE
Specifies actuator type: LRA or ERM, see Section 6.6.2
0x0 = LRA
0x1 = ERM
0x0
[4]
RW
BEMF_SENSE_EN
Enable internal loop computations; should be disabled only in custom
waveform and wideband operation, see Sections 6.7.5 and 6.7.6
0x0 = Custom Waveform Operation
0x1 = Standard Operation
0x1
[3]
RW
FREQ_TRACK_EN
Enable resonant frequency tracking; ignored in ERM mode, see Section
6.3
0x0 = frequency tracking disabled
0x1 = frequency tracking enabled
0x1
[2]
RW
ACCELERATION_EN
Enable Active Acceleration, see Section 6.4
0x0 = Active Acceleration disabled
0x1 = Active Acceleration enabled
0x1
[1]
RW
RAPID_STOP_EN
Enable Rapid Stop, see Section 6.4
0x0 = Rapid Stop disabled
0x1 = Rapid Stop enabled
0x1
[0]
RW
AMP_PID_EN
Enable Amplitude PID, see Section 6.4
0x0 = Amplitude PID disabled
0x1 = Amplitude PID enabled
0x0
Table 38. TOP_CFG2 (0x0014)
Bit
Mode
Symbol
Description
Reset
[4]
RW
MEM_DATA_SIGNED
Memory data format; set according to the value of
ACCELERATION_EN:
0x0 = unsigned (for ACCELERATION_EN = 1)
0x1 = signed (for ACCELERATION_EN = 0)
0x0
[3:0]
RW
FULL_BRAKE_THR
Full-brake threshold for PWM mode with step size 6.66%, see Section
6.2.5
0x0 = brake threshold disabled
0x1 = 6.66 % of ACTUATOR_NOMMAX
0x2 = 13.33 % of ACTUATOR_NOMMAX
...
…~6.66% steps…
0x15 = 100 % of ACTUATOR_NOMMAX
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com