| Electronic Components Datasheet Search |
|
DA7282-00FVC Datasheet(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA7282-00FVC Datasheet(HTML) 64 Page - Renesas Technology Corp |
|
64 / 75 page ![]() LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory R15DS0041EE0330 Rev.3.30 June 16, 2026 CFR0011-120-00 Page 64 Table 57. MEM_CTL1 (0x002C) Bit Mode Symbol Description Reset [7:0] RO WAV_MEM_BASE_ADDR Snippet memory start address, see Section 6.8 0x84 Table 58. MEM_CTL2 (0x002D) Bit Mode Symbol Description Reset [7] RW WAV_MEM_LOCK Lock bit for preventing access to Waveform Memory, see Section 6.6.4 0x0 = Locked 0x1 = Unlocked 0x1 Table 59. ADC_DATA_H1 (0x002E) Bit Mode Symbol Description Reset [7:0] RO ADC_VDD_H Unsigned VDD measurement, see Section 6.7.13 ������������������ ������������������������������������ ������������������������������������������ = (������������������_������������������_������ × 128 + ������������������_������������������_������) × 0.1831������������ 0xFF Table 60. ADC_DATA_L1 (0x002F) Bit Mode Symbol Description Reset [6:0] RO ADC_VDD_L Unsigned VDD measurement, see Section 6.7.13 ������������������ ������������������������������������ ������������������������������������������ = (������������������_������������������_������ × 128 + ������������������_������������������_������) × 0.1831������������ 0x7F Table 61. POLARITY (0x0043) Bit Mode Symbol Description Reset [0] RO POLARITY Current polarity read-back, see Section 6.7.8 0x0 Table 62. LRA_AVR_H (0x0044) Bit Mode Symbol Description Reset [7:0] RO LRA_PER_AVERAGE_H MS-bits of the average LRA resonant period based on the last four half-periods, see Section 6.7.1. The following formula describes the output: ������������������ ������������������������������������ (������������) = 1333.32 × 10−9 × (128 × ������������������_������������������_������������������������������������������_������ + ������������������_������������������_������������������������������������������_������) 0x0 Table 63. LRA_AVR_L (0x0045) Bit Mode Symbol Description Reset [6:0] RO LRA_PER_AVERAGE_L LS-bits of the average LRA resonant period based on the last four half-periods, see Section 6.7.1. The following formula describes the output: ������������������ ������������������������������������ (������������) = 1333.32 × 10−9 × (128 × ������������������_������������������_������������������������������������������_������ + ������������������_������������������_������������������������������������������_������) 0x0 Table 64. FRQ_LRA_PER_ACT_H (0x0046) Bit Mode Symbol Description Reset [7:0] RO LRA_PER_ACTUAL_H MS-bits of the actual LRA resonant period based on half-period, see Section 6.5.The following formula describes the output: 0x21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |