Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 14Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 19Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 20Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 21Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 18
eliminates any need for resistor-capacitor (RC) or ferrite bead filtering of the outputs, which offers a lower-cost
bill of materials when using DA7282. Programmability of the ERC also gives DA7282 a distinct advantage over
competing solutions as it helps fine-tune a system without any PCB modifications.
6.1.2.1.13 Automatic Short Circuit Protection
Automatic low-latency short circuit protection detects shorts on the OUTP and OUTN pins to supply, ground, or
between OUTP and OUTN, and protects DA7282 by forcing the H-bridge into a high-impedance state, see
Section 6.6.6.
6.1.2.1.14 Ultra-Low Power Consumption with State Retention
In IDLE state, DA7282 has an ultra-low current consumption from the power supply at typically 0.68 µA with a
time to output of 0.75 ms. DA7282 returns automatically to IDLE state after completing playback, keeps its
internal state, and is available for I2C communications, see Section 6.2.1.
6.1.2.1.15 Ultra-Low Latency in STANDBY State
In STANDBY state, the time to output is 0.15 ms with current consumption of typically 0.8 mA, see Section 6.2.1.
6.1.2.1.16 Supply Monitoring, Reporting, and Automatic Output Limiting
DA7282 monitors the power supply voltage level and adjusts the drive voltage accordingly, so that the output
does not clip to the supply voltage. This feature guarantees controlled output allowing continued resonant
frequency tracking and Active Acceleration/Rapid Stop functionality even when the device is operating under low
power supply conditions or heavy battery load. Supply voltage can be read back by the host from a dedicated
register, see Section 6.7.13.
6.1.2.1.17 Open- and Closed-Loop Modes
DA7282 can be configured in either open- or closed-loop mode. In open-loop mode any actuator BEMF
monitoring is disabled and the device works as a simple current based drive without any auto- adjustment on the
drive period or amplitude. This is useful in wideband LRA playback. In closed-loop mode, the user can optionally
turn on the frequency tracking, Active Acceleration, Rapid Stop, and amplitude control features, see Section
6.7.5 and Section 6.7.6.
6.1.2.1.18 Open-Loop Sine/Custom Wave Drive Support
In open-loop operation DA7282 can be configured to drive the actuator with a non-square wave signal. This
improves the electrical efficiency, reduces audibility in some actuators, and allows simultaneous drive of multiple
resonant points in DMAs. The exact shape of the output waveform can be configured via dedicated registers with
the default set to a sine wave, see Section 6.7.6.
6.1.2.1.19 Small Solution Footprint
Available in an ultra-small 1.35 mm x 1.75 mm, 0.4 mm pitch, 0.545 mm height, 3 x 4 WLCSP, or a 3.0 mm x 3.0
mm, 0.65 mm pitch, 0.78 mm height, 12 lead QFN package, DA7282 minimizes the required PCB size and
overall solution cost. In the typical application case, only a single 100 nF decoupling capacitor is required. See
Section 11 and Section 12.
6.1.2.1.20 Additional Features
DA7282 also features:
▪ A temperature and supply stable (±1.5 %) internal oscillator which guarantees consistent haptic playback in
the frequency domain over a wide range of operating conditions.
▪ Automatic over-temperature warning and shutdown capability.
▪ Low pad leakage current (typ. < 50 nA, for all pads combined).
▪ Low idle current from the VDDIO pin (typ. 130 nA at 1.8 V).
▪ I2C operation down to VDDIO = 1.35 V.
▪ Output PWM frequency, at 187.5 kHz, is 167.5 kHz away from the audio band and at a non-audio sample rate
multiple. This prevents audible foldback via supply disturbance common in near-audio-band switching haptic
drivers.
▪ Easy-to-use Renesas SmartCanvas™ GUI with a user tab for fast device setup without the need to directly
interact with registers and an intuitive graphical environment for Waveform Memory editing and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com