Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 19Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 20Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 21Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 22Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 19
6.2
Functional Modes
6.2.1
System States
DA7282 features IDLE and STANDBY states ensuring lowest power consumption and lowest start-up latency in
different operating conditions. In addition, when any fault is detected, the device returns directly to the IDLE
state. Figure 8 shows the device states and the transitions into and out of each state.
When a power supply is applied, DA7282 loads the register default settings. Once BOOT is complete, DA7282
remains in the IDLE state and awaits further I2C communication.
DA7282 enters the DRIVE state when playback of a haptic sequence begins. There are several different
operating modes for playback, see Section 6.2.2.
On completion of playback, DA7282 leaves DRIVE state and returns either to IDLE state (for low power
consumption) or STANDBY state (for low latency-to-drive). This is configured using STANDBY_EN.
If a fault condition occurs, DA7282 returns to the IDLE state, see Section 6.6.6.
IDLE
(IQ = 0.68 µA)
BOOT
Boot
complete
OFF
(IQ = 5 nA)
DRIVE
STANDBY
(IQ = 0.8 mA)
Start driving
approx. 0.75 ms
after drive request
Stop
driving
Set STANDBY_EN = 0
STANDBY_EN
0
VDD
V
VDDIO/EN
V
1
Start driving
after approx.
0.15 ms delay
Return to OFF at
any time if:
VDDIO/EN = 0 V or
VDD < 2.6 V
The conditions for start/
stop driving vary
depending on
OPERATION_MODE
DA7282 returns to
the IDLE state in a
fault condition
Figure 8. System state diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com