Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 34Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 36Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 37Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 38Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 39Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 40Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 41Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 38
Lseries (µH)
42
0
1
2
2
3
3
3
3
3
3
44
0
1
2
2
3
3
3
3
3
3
46 to 50
0
1
2
2
2
3
3
3
3
3
Set LOOP_FILT_LOW_BW high if the actuator inductance exceeds 1 mH.
6.7.10 UVLO Threshold
The DA7282 UVLO has a default fall threshold of 2.8 V. This is adjustable in 100 mV steps via
REF_UVLO_THRES. The full range is 2.7 V to 3.0 V.
6.7.11 Edge Rate Control
DA7282 contains an advanced switching node ERC to minimize EMI and board disturbances. The slope of the
ERC can be adjusted by changing the values of the HBRIDGE_ERC_LS_TRIM (for low-side FET ERC) and
HBRIDGE_ERC_HS_TRIM (for high-side FET ERC). Default value is 100 mVn/s and the adjustable range is 25
mV/ns to 100 mV/ns in 25 mV/ns steps.
6.7.12 Double Output Current Range
The nominal current rating for the DA7282 current regulation output is 250 mA. This range covers existing LRAs,
however some LRA manufacturers allow significant actuator overdrive over short periods of time. DA7282
supports this by enabling LOOP_IDAC_DOUBLE_RANGE, which doubles the maximum output current. When
this is enabled, the following setup changes apply:
▪ IMAX now corresponds to twice the value computed by the formula in Section 6.6.2.
▪ When setting the impedance in V2I_FACTOR_H and V2I_FACTOR_L via the formula in Section 6.6.2, use
Zformula = 2*Zreal.
▪ When reading back from IMPEDANCE_H and IMPEDANCE_L, use an LSB of 0.03125 Ω.
6.7.13 Supply Monitoring, Reporting, and Automatic Output Limiting
DA7282 monitors the level of the supply during playback and reports it via ADC_VDD_H and ADC_VDD_L. The
two should be concatenated and read using the following formula:
������������������ ������������������������������������ ������������������������������������������ = (������������������_������������������_������ × 128 + ������������������_������������������_������) × 0.1831 ������������
(13)
DA7282 uses this information to prevent the device from clipping to supply by limiting the drive to a value
determined by the VDD_MARGIN register in 187.5 mV steps where 0x0 corresponds to no margin, see Figure
22.
Output drive clipping to
VDD – VDD_MARGIN, not ABSMAX
Time [s]
VDD
ABSMAX
VDD - VDD_MARGIN
VDD_MARGIN
Figure 22. Automatic output limiting
The functionality is needed as DA7282 regulates current and if supply clipping occurs, the regulation stops and
the BEMF information is lost. Furthermore, the VDD_MARGIN register allows limiting of the power across the
actuator for low supply values to prevent the battery from discharging too fast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com