Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 48Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 49Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 50Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 51Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 52Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 53Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 54Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 55Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 52
An alternative Repeated-Write mode that uses non-consecutive slave register addresses is available using the
CIF_I2C1 register. In this Repeat Mode, I2C_WR_MODE = 1, the slave can be configured to support a host’s
repeated write operations into several non-consecutive registers. Data is stored at the previously received
register address. If a new START or STOP condition occurs within a message, the bus returns to Idle mode.
This is illustrated in Figure 39.
S SLAVEaddr W A REG addr A
DATA
A
S = START condition
A = Acknowledge (low)
Sr = Repeat START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
Slave to Master
7-bits
1 bit
8-bits
8-bits
REG addr
A
1-bit
8-bits
A
P
DATA
……….
A
8-bits
Repeated writes
Figure 39. I2C repeated write (SDA line)
In Page mode, I2C_WR_MODE = 0, both Page mode reads and writes using auto-incremented addresses, and
Repeat mode reads and writes using non auto-incremented addresses, are supported. In Repeat mode,
I2C_WR_MODE = 1, however, only Repeat mode reads and writes are supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com