Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 19Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 20Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 21Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 22Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 23Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 24Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 25Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 22
6.2.7
Edge Triggered Waveform Memory Mode
If there is no host available, or for minimal host interaction, edge triggered waveform memory mode (ETWM)
mode can be used to play back previously defined sequences from the Waveform Memory, see Section 6.8, via
external GPI edge trigger or also via I2C trigger, as in RTWM mode. The ETWM is also useful if deterministic
timing is required without reliance on the I2C bus.
Each of the GPI_0, GPI_1, and GPI_2 pins can be independently configured and will react according to the
setting in GPIx_POLARITY as follows:
▪ Rising edge trigger, GPIx_POLARITY = 0: only a rising GPI edge creates an event that triggers a pre-
programmed sequence.
▪ Falling edge trigger, GPIx_POLARITY = 1: only a falling GPI edge creates an event that triggers a pre-
programmed sequence.
▪ Rising and falling edge trigger, GPIx_POLARITY = 2: both edges create events that trigger a pre-programmed
sequence.
Any event received during playback from any GPI after the initial GPI trigger event will result in a sequence stop.
▪ There are two ways of reacting to a GPI event based on GPIx_MODE:
▪ Single sequence, GPIx_MODE = 0: no matter how many times a particular GPI is triggered, it will play the
sequence located at GPIx_SEQUENCE_ID.
▪ Multi-sequence, GPIx_MODE = 1: odd GPI events trigger the sequence at GPIx_SEQUENCE_ID, while even
GPI events trigger the sequence located at the value of GPIx_SEQUENCE_ID + 1 bit.
In ETWM mode, a maximum of six different sequences can be configured (two per GPI, when multi-sequence
mode is enabled). The desired haptic sequence for each GPI must be set by programming
GPIx_SEQUENCE_ID.
Once a sequence has finished playing, a signal is sent via the nIRQ pin and DA7282 automatically returns to
IDLE state, assuming STANDBY_EN = 0, to await the next trigger event.
Sequence looping operates in the same way as RTWM mode, see Section 6.2.6.1.
6.3
Resonant Frequency Tracking
LRAs are high-Q systems that have to be driven exactly at resonance to achieve maximum possible output
acceleration. DA7282 supports continuous resonant frequency tracking via BEMF sensing during playback to
achieve optimum LRA acceleration output across manufacturing spread, operating temperature range, external
damping, and actuator aging.
When the FREQ_TRACK_EN is high, a digital resonant frequency tracking loop locks onto the LRA resonant
frequency in real time by adjusting the drive period. This ensures that the actuator is always driven at the
optimum frequency for the highest efficiency electrical to mechanical energy conversion. The loop range of 50
Hz to 300 Hz covers existing narrowband LRAs; typical resonant frequency lock accuracy is 0.5 Hz.
To increase absolute accuracy of the lock during playback, DA7282 supports automatic scaling of the frequency
tracking controller gain. The feature is enabled via FREQ_TRACKING_AUTO_ADJ and becomes active after the
device has achieved initial lock, see Section 6.7.1.
The resonant frequency tracking algorithm is designed to converge to the correct value from up to 25 % offset
between the initial nominal datasheet value and the actual resonant frequency. This range is conservative in
order to prevent unwanted behavior. A fault will trigger if the actuator resonant frequency is outside the 50 Hz to
300 Hz range. To block these two features, set FREQ_TRACKING_FORCE_ON = 1, see Section 6.7.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com