Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 19Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 20Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 21Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 22Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 23Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 20
6.2.2
Operating Modes
DA7282 offers multiple operating modes for use in different applications and to minimize power consumption,
see Table 12.
Table 12. Operating modes
Operating mode
Description
OPERATION_MODE
Inactive
System waits in IDLE or STANDBY state based on
STANDBY_EN setting
0
Direct register override (DRO)
Playback streaming via I2C; input written to
OVERRIDE_VAL
1
Pulse width modulated (PWM)
Playback streaming from PWM data input source on pin
GPI_0 / PWM
2
Register triggered waveform
memory (RTWM)
Playback from Waveform Memory triggered only by I2C
write to SEQ_START
3
Edge triggered waveform
memory (ETWM)
Playback from Waveform Memory triggered by rising/falling
edge on any of three GPIs or via I2C write to SEQ_START
4
6.2.3
Inactive Mode
DA7282 can be configured to automatically return to IDLE (for lower IQ) or STANDBY (for minimized latency)
state after completion of playback, see Section 6.2.1. In both states the register contents are retained. DA7282
remains in Inactive mode until it receives a playback request via either the GPI pins or I2C (providing any faults in
the fault registers have been cleared, see Section 6.6.6).
In the event of a fault the system will automatically return to the IDLE state, see Section 6.6.6.
6.2.4
Direct Register Override Mode
In DRO mode haptic sequences are streamed to DA7282 via I2C input. The drive level of the output is set via
OVERRIDE_VAL. For optimal start-up timing, update OVERRIDE_VAL before setting OPERATION_MODE = 1.
OVERRIDE_VAL is treated as a two's complement proportional value where:
If ACCELERATION_EN = 1, the output drive level is equal to the value in OVERRIDE_VAL multiplied by the
voltage stored in ACTUATOR_NOMMAX. OVERRIDE_VAL is interpreted as a proportion between 0 % (0x00)
and 100 % (0x7F). The range from 0xFF to 0x80 is not used, see Figure 31. If enabled, the automatic Active
Acceleration and Rapid Stop features will take the output up to the voltage in ACTUATOR_ABSMAX and/or
reverse the drive level to be negative during level transitions, but in steady state the value will always scale to
the voltage in ACTUATOR_NOMMAX.
If ACCELERATION_EN = 0, the output drive level is equal to the value in OVERRIDE_VAL multiplied by the
voltage stored in ACTUATOR_ABSMAX. In this case OVERRIDE_VAL is interpreted as a proportion between -
100% (0x80) and 100% (0x7F), see Figure 32. When DA7282 is set up to drive an ERM, the negative value
represents a change in drive voltage polarity, while for an LRA it represents a phase shift of 180° in the drive
signal. Negative drive can be used to speed up output acceleration level changes without the use of the Active
Acceleration and Rapid Stop. Note that in the ACCELERATION_EN = 0 case Rapid Stop can still be enabled if
an automatic stop to zero actuator acceleration is required.
NOTE
The output amplitude updates at twice the LRA frequency (when the differential voltage across the LRA crosses zero),
therefore input changes more frequent than this are not required as sampling occurs only around a zero cross. Since the
I2C is asynchronous to the output drive, updates to OVERRIDE_VAL will have a one LRA half-period of uncertainty before
propagating to the output. Synchronization of OVERRIDE_VAL updates to the half period is possible via software by
looking at the POLARITY register and updating the output drive level, see Section 6.7.8.
When driving a wideband LRA in DRO mode, resonant frequency tracking can be turned off. This enables
wideband operation and two-dimensional effects using DMAs, see Sections 6.7.5 and 6.7.6.
During playback, if a value written to OVERRIDE_VAL results in the output driving strength being maintained at
0 %, DA7282 will disable its output stage to save power. Drive is re-enabled automatically, with one LRA half-
period delay, when a non-zero OVERRIDE_VAL value I2C input is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com