Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 67Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 68Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 69Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 70Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 71Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 72Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 73Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 74Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 75Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 73
13. Revision History
Revision
Date
Description
3.3
June 16, 2026
Updated:
▪ B3 pin description in Table 2, Section 4.
▪ Figure 40, Figure 41.
3.2
Aug 23, 2023
Added rows to Table 7 in Section 5.3.
3.1
Feb 10, 2022
Updated logo, disclaimer, copyright.
3.0
July 30, 2019
Final datasheet.
Change details:
▪ Renamed EN to VDDIO throughout the document to better describe the purpose of the pin
▪ Table 1: Added DA7283 details
▪ Section 2 Pinout
• Formatting changes to merge tables and use space better
▪ Section 4.3 Electrical Characteristics
• Table 8 Added parameter VDD_POR_FALL
▪ Sections 5.2.5, 5.2.7, 5.6.5.3 and Tables 56 and 57 in Section 6.2:
• Corrected pin name errors (ADDR to GPI)
▪ Section 5.1 Features Description
• Minor rewording to better describe part (also reflected on front page)
▪ Section 5.7.1: Frequency Tracking
• Added sentences regarding use of SmartCanvas GUI to adjust Kp and Ki coefficients
• Added sentence regarding checking stability of closed loop to step response when optimizing Kp and Ki coefficients
with FREQ_TRACK_AUTO_ADJ enabled
▪ Section 5.7.1.9: VDDIO/EN Pin Control
• Clarified description
▪ Section 5.8: Waveform Memory
• Added note recommending SmartCanvas GUI is used to construct and upload WM sequences
▪ Section 5.8.1: Waveform Memory Structure
• Figure 26: Replaced Sequence 1 with Sequence 0 and clarification of explanation
▪ Section 5.8.2: Snippet Definition
• Clarification of TIME and AMP definitions
• Added note to explain snippet 0
▪ Section 5.8 3: Frame Definition
• Clarified Byte 1 and Byte 2 definitions
• Clarified SNP_ID_LOOP [3:0] definition
• Added notes explaining updating of frequencies
▪ Section 5.8.4: Sequence Definition
• Further clarification of sequences
• Figure 30: Replaced Sequence 1 with Sequence 0
▪ Section 5.9.1: DRO Mode
• Clarification of full range
▪ Section 5.9.3: RTWM and ETWM Modes
• Clarification of full range
▪ Section 6: Register Overview
• Reset values (and associated descriptions) updates for the following addresses: 0x00, 0x0A, 0x0B, 0x0C, 0x0D,
0x0E, 0x0F, 0x10, 0x11, 0x1C, 0x1D, 0x1E, 0x1F, 0x20, 0x2C, 0x46, 0x47, and 0x5F
▪ Section 7: Package Information
• Updated both WLCSP and QFN package outline diagrams to rev E (only change is to title)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com