Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA7282-00FVC Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 8Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 9Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 10Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 11Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 12Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 13Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 14Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 12
5.3
Electrical Specifications
Unless otherwise noted, the parameters listed in Table 6 and Table 7 are valid for TA = 25 ºC, VDD = 3.8 V, and
VDDIO = 1.8 V.
Table 6. Current consumption
Parameter
Description
Conditions
Min
Typ
Max
Unit
IQ_OFF
System VDD current in OFF state
VDDIO = 0 V
5
nA
IQ_IDLE
System VDD current in IDLE state
System waiting for playback
request
0.68
1
μA
IQ_EN
VDDIO pin current
VDDIO = system VDDIO
No I/O or nIRQ activity
0.13
0.5
μA
IQ_STANDBY
System VDD current in STANDBY
state
System waiting for playback
request
0.8
1
mA
IQ_NO_LD
System VDD current with no load
High-impedance load > 10 MΩ,
H-bridge switching
1.35
1.5
mA
Table 7. Electrical characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
ISHRT
Short circuit protection threshold
Short to GND or VDD
400
500
600
mA
IOUT_MAX
Maximum drive current
250
500
(Note 1)
mA
fTRCK_LRA
LRA frequency tracking range
Automatic tracking limits
50
300
(Note 2)
Hz
fTRCK_ACC_LRA
LRA frequency tracking accuracy
Frequency tracking
accuracy during playback
0.5
Hz
fWIDEBAND
Wideband frequency range
User defined drive
frequency
25
1000
Hz
fOUT_PWM
PWM output frequency
Differential OUTP and
OUTN switching frequency
183
187.5
192
kHz
ERC
Programming range of output
switching pins edge rate control
OUTP and OUTN slope
25
100
100
mV/ns
fIN_PWM
PWM data input frequency
10
250
kHz
RDS_ON
H-bridge drain to source resistance
when on
High side plus low side
FETs
2
Ω
ZFLT_UZ
Actuator under-impedance
threshold
Not applicable for coin ERM
4
Ω
ZFTL_OZ
Over-impedance threshold
Not applicable for coin ERM
50
Ω
ZOUT_OFF
Output impedance when H-bridge
not switching
Pull-down enabled
15
kΩ
VDD_POR_FALL
VDD Power-on-Reset (PoR) falling
threshold
2.4
2.55
2.7
V
VIH
GPI high level input logic voltage
level
Measured relative to VDDIO
0.7 *
VDDIO
V
VIL
GPI low level input logic voltage
level
Measured relative to VDDIO
0.3 * VDDIO
V
Note 1
For operation up to 500 mA (instead of 250 mA), see Section 6.7.12.
Note 2
For operation outside this range, see Section 6.7.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com