Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 24 of 41
USER REGISTER DEFINTIONS
Status/Error Flag Indicators (DIAG_STAT)
Table 10. DIAG_STAT Register Definition
Addresses
Default
Access
Flash Backup
0x02, 0x03
0x0000
R
No
Table 11. DIAG_STAT Bit Assignments
Bits
Description
[15:11]
Reserved.
10
Accelerometer failure. A 1 indicates failure of the
accelerometer at the conclusion of the self test
(Register GLOB_CMD, Bit 2, see Table 112). If this error
occurs, repeat the same test. If this error persists,
replace the ADIS16507. Motion during this test may
cause a false failure.
9
Gyroscope 2 failure. A 1 indicates failure of Gyroscope 2 at
the conclusion of the self test (Register GLOB_CMD, Bit 2,
see Table 112). If this error occurs, repeat the same test.
If this error persists, replace the ADIS16507. Motion
during this test may cause a false failure.
8
Gyroscope 1 failure. A 1 indicates failure of Gyroscope 1 at
the conclusion of the self test (Register GLOB_CMD, Bit 2,
see Table 112). If this error occurs, repeat the same test.
If this error persists, replace the ADIS16507. Motion
during this test may cause a false failure.
7
Clock error. A 1 indicates that the internal data
sampling clock (fSM, see Figure 30) does not
synchronize with the external clock, which only applies
when using scaled sync mode (Register MSC_CTRL,
Bits[3:2] = 10, see Table 106). When this error occurs,
adjust the frequency of the clock signal on the SYNC pin
to operate within the appropriate range.
6
Memory failure. A 1 indicates a failure in the flash memory
test (Register GLOB_CMD, Bit 4, see Table 112), which
involves a comparison between a cyclic redundancy
check (CRC) calculation of the present flash memory
and a CRC calculation from the same memory locations at
the time of initial programming (during the production
process). If this error occurs, repeat the same test. If this
error persists, replace the ADIS16505.
5
Sensor failure. A 1 indicates failure of at least one
sensor, at the conclusion of the self test (Register
GLOB_CMD, Bit 2, see Table 112). If this error occurs,
repeat the same test. If this error persists, replace the
ADIS16505. Motion during this test may cause a false
failure.
4
Standby mode. A 1 indicates that the voltage across
VDD and GND is <2.8 V, which causes data processing
to stop. When VDD ≥ 2.8 V for 250 ms, the ADIS16505
reinitializes itself and starts producing data again.
3
SPI communication error. A 1 indicates that the total
number of SCLK cycles is not equal to an integer
multiple of 16. When this error occurs, repeat the
previous communication sequence. Persistence in this
error can indicate that the SPI connection between the
host and the ADIS16505 is not robust (for example,
marginal voltage levels, timing, or signal integrity).
Bits
Description
2
Flash memory update failure. A 1 indicates that the
most recent flash memory update (Register GLOB_CMD,
Bit 3, see Table 112) failed. If this error occurs, ensure that
VDD ≥ 3 V and repeat the update attempt. If this error
persists, replace the ADIS16505.
1
Data path overrun. A 1 indicates that one of the data
paths experienced an overrun condition. If this error
occurs, initiate a reset using the RST pin (see Table 5,
Pin F3) or Register GLOB_CMD, Bit 7 (see Table 112).
0
Reserved.
The DIAG_STAT register (see Table 10 and Table 11) provides
error flags for monitoring the integrity and operation of the
ADIS16505. Reading this register resets its bits to 0. The error
flags in DIAG_STAT are sticky, meaning that when they raise
to a 1, they remain there until a read request clears them. If an
error condition persists, the flag (bit) automatically returns to
an alarm value of 1.
GYROSCOPE DATA
The gyroscopes in the ADIS16505 measure the angular rate of
rotation around three orthogonal axes (x, y, and z). Figure 48
shows the orientation of each gyroscope axis along with the
direction of rotation that produces a positive response in each
of their measurements.
ωY
Y-AXIS
ωX
X-AXIS
K1
A1
A10
ωZ
Z-AXIS
Figure 48. Gyroscope Axis and Polarity Assignments
Each gyroscope has two output data registers. Figure 49 shows
how these two registers combine to support a 32-bit, twos
complement data format for the x-axis gyroscope measurements.
This format also applies to the y- and z-axes.
X-AXIS GYROSCOPE DATA
X_GYRO_OUT
X_GYRO_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 49. Gyroscope Output Data Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com