Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 38 of 41
APPLICATIONS INFORMATION
ASSEMBLY AND HANDLING TIPS
Package Attributes
The ADIS16505 is a multichip module package that has a 100-ball
BGA interface. This package has three basic attributes that
influence its handling and assembly to the PCB of the system:
the lid, the substrate, and the BGA pattern. The material of the
lid is a liquid crystal polymer (LCP), and its nominal thickness
is 0.5 mm. The substrate is a laminate that has a nominal thickness
of 1.57 mm. The solder ball material is SAC305, and each ball
has a nominal diameter of 0.75 mm (±0.15 mm). The BGA
pattern is a 10 × 10 array.
All electrical and physical connections are through the 10 × 10
array shown in Figure 62. The bottom view in Figure 66 shows
additional features from the manufacture of the ADIS16505
that are not relevant to the mounting or use of the ADIS16505.
Assembly Tips
When attaching the ADIS16505 to a PCB, follow these guidelines:
The ADIS16505 supports solder reflow attachment processes
in accordance with J-STD-020E.
Limit device exposure to one pass through the solder
reflow process (no rework).
The hole in the top of the lid (see Figure 61) provides venting
and pressure relief during the assembly process of the
ADIS16505. This hole must be kept clear while attaching
the ADIS16505 to a PCB. Although, covering the hole in
normal operation is not typically a problem.
K1
A1
A10
OPENING IN
PACKAGE LID
Figure 61. Pressure Relief Hole
Use no clean flux and avoid exposing the device to
cleaning solvents that can penetrate the inside of the
ADIS16505 through multiple paths.
Manage moisture exposure prior to the solder reflow
processing in accordance with J-STD-033, Moisture
Sensitivity Level 5.
Avoid exposing the ADIS16505 to mechanical shock
survivability that exceeds the maximum rating in Table 3.
In standard PCB processing, high speed handling equipment
and panel separation processes often present the most risk of
introducing harmful levels of mechanical shock survivability.
PCB Layout Suggestions
Figure 62 shows an example of the pad design and layout
for the ADIS16505 on a PCB. This example uses a solder mask
opening with a diameter of 0.73 mm, around a metal pad that
has a diameter of 0.56 mm. When using a material for the system
PCB that has similar thermal expansion properties as the
substrate material of the ADIS16505, the system PCB can also
use the solder mask to define the pads that support attachment
to the balls of the ADIS16505. The coefficient of thermal
expansion (CTE) in the substrate of the ADIS16505 is
approximately 14 ppm/°C.
ALL DIMENSIONS IN MILLIMETERS
1.27
1.27
0.73
(MASK OPENING)
0.56
(COPPER PAD)
Figure 62. Recommend PCB Pattern, Solder Mask Defined Pads
Underfill
Underfill can be a useful technique in managing certain threats
to the integrity of the solder joints of the ADIS16505, including
peeling stress and extended exposure to vibration. When selecting
underfill material and developing an application and curing
process, ensure that the material fills the gap between each surface
(the ADIS16505 substrate and system PCB) and adheres to
both surfaces. The ADIS16505 does not require the use of
underfill materials in applications that do not anticipate exposure
to these types of mechanical stresses and when the CTE of the
system PCB is close to the same value as the CTE of the
substrate of the ADIS16505 (~14 ppm/°C).
Process Validation and Control
These guidelines provide a starting point for developing a process
for attaching the ADIS16505 to a system PCB. Because each
system and situation can present unique requirements for this
attachment process, ensure that the process supports optimal
solder joint integrity, verify that the final system meets all
environmental test requirements, and establish observation
and control strategies for all key process attributes (for example,
peak temperatures, dwell times, and ramp rates).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com