Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 37 of 41
Flash Memory Endurance Counter (FLSHCNT_LOW and
FLSHCNT_HIGH)
Table 129. FLSHCNT_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x7C, 0x7D
Not applicable
R
Yes
Table 130. FLSHCNT_LOW Bit Definitions
Bits
Description
[15:0]
Flash memory write counter, low word
Table 131. FLSHCNT_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x7E, 0x7F
Not applicable
R
Yes
Table 132. FLSHCNT_HIGH Bit Definitions
Bits
Description
[15:0]
Flash memory write counter, high word
The FLSHCNT_LOW (see Table 129 and Table 130) and
FLSHCNT_HIGH (see Table 131 and Table 132) registers
combine to provide a 32-bit, binary counter that tracks the
number of flash memory write cycles. In addition to the
number of write cycles, the flash memory has a finite service
lifetime, which depends on the junction temperature. Figure 60
provides guidance for estimating the retention life for the flash
memory at specific junction temperatures. The junction
temperature is approximately 7°C above the case temperature.
600
450
300
150
0
30
40
JUNCTION TEMPERATURE (°C)
55
70
85
100
125
135
150
Figure 60. Flash Memory Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com