Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 25Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 26Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 25 of 41
Gyroscope Measurement Range/Scale Factor
Table 12 provides the range and scale factor for the angular rate
(gyroscope) measurements in each ADIS16505 model.
Table 12. Gyroscope Measurement Range and Scale Factors
Model
Range, ±ωMAX
(°/sec)
Scale Factor, KG
(°/sec/LSB)
ADIS16505-1BMLZ
±125
0.00625
ADIS16505-2BMLZ
±500
0.025
ADIS16505-3BMLZ
±2000
0.1
Gyroscope Data Formatting
Table 13 and Table 14 offer various numerical examples that
demonstrate the format of the rotation rate data in both 16-bit
and 32-bit formats.
Table 13. 16-Bit Gyroscope Data Format Examples
Rotation Rate
Decimal
Hex
Binary
+ωMAX
+20,000
0x4E20
0100 1110 0010 0000
+2 KG
+2
0x0002
0000 0000 0000 0010
+KG
+1
0x0001
0000 0000 0000 0001
0°/sec
0
0x0000
0000 0000 0000 0000
−KG
−1
0xFFFF
1111 1111 1111 1111
−2 KG
−2
0xFFFE
1111 1111 1111 1110
−ωMAX
−20,000
0xB1E0
1011 0001 1110 0000
Table 14. 32-Bit Gyroscope Data Format Examples
Rotation Rate (°/sec)
Decimal
Hex
+ωMAX
+1,310,720,000
0x4E200000
+KG/215
+2
0x00000002
+KG/216
+1
0x00000001
0
0
0x0000000
−KG /216
−1
0xFFFFFFFF
−KG /215
−2
0xFFFFFFFE
−ωMAX
−1,310,720,000
0xB1E00000
X-Axis Gyroscope (X_GYRO_LOW and X_GYRO_OUT)
Table 15. X_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x04, 0x05
Not applicable
R
No
Table 16. X_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data; additional resolution bits
Table 17. X_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x06, 0x07
Not applicable
R
No
Table 18. X_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data; high word; twos complement,
0°/sec = 0x0000, 1 LSB = KG (See Table 12 for KG)
The X_GYRO_LOW (see Table 15 and Table 16) and X_GYRO_
OUT (see Table 17 and Table 18) registers contain the gyroscope
data for the x-axis.
Y-Axis Gyroscope (Y_GYRO_LOW and Y_GYRO_OUT)
Table 19. Y_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x08, 0x09
Not applicable
R
No
Table 20. Y_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data; additional resolution bits
Table 21. Y_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x0A, 0x0B
Not applicable
R
No
Table 22. Y_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data; high word; twos complement,
0°/sec = 0x0000, 1 LSB = KG (see Table 12 for KG)
The Y_GYRO_LOW (see Table 19 and Table 20) and Y_GYRO_
OUT (see Table 21 and Table 22) registers contain the gyroscope
data for the y-axis.
Z-Axis Gyroscope (Z_GYRO_LOW and Z_GYRO_OUT)
Table 23. Z_GYRO_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x0C, 0x0D
Not applicable
R
No
Table 24. Z_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data; additional resolution bits
Table 25. Z_GYRO_OUT Register Definition
Addresses
Default
Access
Flash Backup
0x0E, 0x0F
Not applicable
R
No
Table 26. Z_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data; high word; twos complement,
0°/sec = 0x0000, 1 LSB = KG (see Table 12 for KG)
The Z_GYRO_LOW (see Table 23 and Table 24) and Z_GYRO_
OUT (see Table 25 and Table 26) registers contain the gyroscope
data for the z-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com