Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 14 of 41
ACCELEROMETERS
0.1
1
10
100
1k
10k
100k
10
100
1k
INTEGRATION PERIOD (Seconds)
XAXIS
YAXIS
ZAXIS
MEAN
MEAN + 1σ
Figure 23. Accelerometer Allan Deviation, TC = 25°C
–60
–40
–20
0
20
406080
100
TEMPERATURE (°C)
–40
–30
–20
–10
0
10
20
30
40
MEAN + SIGMA
MEAN
MEAN – SIGMA
Figure 24. Accelerometer Bias Error vs. Temperature,
All Axes
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
MEAN + SIGMA
MEAN
MEAN – SIGMA
Figure 25. Accelerometer Sensitivity Error vs. Temperature,
Cold to Hot, All Axes
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
0.20
0
–0.05
0.05
–0.10
0.10
–0.15
0.15
–0.20
MEAN + SIGMA
MEAN
MEAN – SIGMA
Figure 26. Accelerometer Sensitivity Error vs. Temperature,
Hot to Cold, All Axes
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
0.20
0
–0.05
0.05
–0.10
0.10
–0.15
0.15
–0.20
MEAN + SIGMA
MEAN
MEAN – SIGMA
Figure 27. Accelerometer Axis to Axis Misalignment Error vs. Temperature
–60
FREQUENCY (Hz)
–40
–50
–30
–20
–10
0
10
110
100
1k
BARTLETT OFF
N = 1
N = 2
N = 3
N = 4
N = 5
N = 6
–3dB
Figure 28. Accelerometer Normalized Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com