Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 40 of 41
ADIS1650x - x / PCB
08 - 050552 - 01 - A
J1
R2
U1
12
15
16
A1
K
10
Y
X
Z
6.03
16.625
16.625
3.62
5.125
5.125
33.25
3.62
30.7
DIMENSIONS SHOWN IN MILLIMETERS
ML / BEL
8 / 24 / 18
Figure 64. Top View of the ADIS16505 Breakout Board
DIN
DIN
G6
SCLK
SCLK
H6
RST
RST
F3
GND
DOUT
DOUT
H3
DIO0
DR
J6
DIO1
SYNC
J3
DNC
C3
VDD E3
CS
CS
G3
VDD
GND
VDD
ADIS16505
U1
1
J1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
SYNC
DR
DIN
DOUT
CS
SCLK
RST
VDD
R2
10kΩ
Figure 65. ADIS16505 Breakout Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com