Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 27Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 31 of 41
CALIBRATION
The signal chain of each inertial sensor (accelerometers and
gyroscopes) includes the application of unique correction
formulas, which are derived from extensive characterization
of bias, sensitivity, alignment, response to linear acceleration
(gyroscopes), and point of percussion (accelerometer location)
over a temperature range of −40°C to +85°C, for each ADIS16505.
These correction formulas are not accessible, but users do have
the opportunity to adjust the bias for each sensor individually
through user accessible registers. These correction factors
follow immediately after the factory derived correction formulas
in the signal chain, which processes at a rate of 2000 Hz when
using the internal sample clock.
Calibration, Gyroscope Bias (XG_BIAS_LOW and
XG_BIAS_HIGH)
Table 77. XG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x40, 0x41
0x0000
R/W
Yes
Table 78. XG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction; lower word
Table 79. XG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x42, 0x43
0x0000
R/W
Yes
Table 80. XG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope offset correction factor, upper word
The XG_BIAS_LOW (see Table 77 and Table 78) and XG_BIAS_
HIGH (see Table 79 and Table 80) registers combine to allow
users to adjust the bias of the x-axis gyroscopes. The data format
examples in Table 13 also apply to the XG_BIAS_HIGH register,
and the data format examples in Table 14 apply to the 32-bit
combination of the XG_BIAS_LOW and XG_BIAS_HIGH
registers. See Figure 56 for an illustration of how these two
registers combine and influence the x-axis gyroscope
measurements.
X-AXIS
GYRO
FACTORY
CALIBRATION
AND
FILTERING
X_GYRO_OUT X_GYRO_LOW
XG_BIAS_HIGH
XG_BIAS_LOW
Figure 56. User Calibration Signal Path, Gyroscopes
Calibration, Gyroscope Bias (YG_BIAS_LOW and
YG_BIAS_HIGH)
Table 81. YG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x44, 0x45
0x0000
R/W
Yes
Table 82. YG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction; lower word
Table 83. YG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x46, 0x47
0x0000
R/W
Yes
Table 84. YG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope offset correction factor, upper word
The YG_BIAS_LOW (see Table 81 and Table 82) and YG_BIAS_
HIGH (see Table 83 and Table 84) registers combine to allow
users to adjust the bias of the y-axis gyroscopes. The data format
examples in Table 13 also apply to the YG_BIAS_HIGH register,
and the data format examples in Table 14 apply to the 32-bit
combination of the YG_BIAS_LOW and YG_BIAS_HIGH
registers. These registers influence the y-axis gyroscope
measurements in the same manner that the XG_BIAS_LOW
and XG_BIAS_HIGH registers influence the x-axis gyroscope
measurements (see Figure 56).
Calibration, Gyroscope Bias (ZG_BIAS_LOW and
ZG_BIAS_HIGH)
Table 85. ZG_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x48, 0x49
0x0000
R/W
Yes
Table 86. ZG_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope offset correction; lower word
Table 87. ZG_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x4A, 0x4B
0x0000
R/W
Yes
Table 88. ZG_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope offset correction factor, upper word
The ZG_BIAS_LOW (see Table 85 and Table 86) and ZG_BIAS_
HIGH (see Table 87 and Table 88) registers combine to allow
users to adjust the bias of the z-axis gyroscopes. The data format
examples in Table 13 also apply to the ZG_BIAS_HIGH register,
and the data format examples in Table 14 apply to the 32-bit
combination of the ZG_BIAS_LOW and ZG_BIAS_HIGH registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com