Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16505-2/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADIS16505-2/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-2/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIS16505-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16505-2/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
ADIS16505
Data Sheet
Rev. C | Page 32 of 41
These registers influence the z-axis gyroscope measurements in
the same manner that the XG_BIAS_LOW and XG_BIAS_HIGH
registers influence the x-axis gyroscope measurements (see
Figure 56).
Calibration, Accelerometer Bias (XA_BIAS_LOW and
XA_BIAS_HIGH)
Table 89. XA_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x4C, 0x4D
0x0000
R/W
Yes
Table 90. XA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer offset correction; lower word
Table 91. XA_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x4E, 0x4F
0x0000
R/W
Yes
Table 92. XA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
X-axis accelerometer offset correction, upper word
The XA_BIAS_LOW (see Table 89 and Table 90) and XA_BIAS_
HIGH (see Table 91 and Table 92) registers combine to allow
users to adjust the bias of the x-axis accelerometers. The data
format examples in Table 27 also apply to the XA_BIAS_HIGH
register and the data format examples in Table 28 apply to the
32-bit combination of the XA_BIAS_LOW and XA_BIAS_HIGH
registers. See Figure 57 for an illustration of how these two registers
combine and influence the x-axis accelerometer measurements.
X-AXIS
ACCL
FACTORY
CALIBRATION
AND
FILTERING
X_ACCL_OUT
X_ACCL_LOW
XA_BIAS_HIGH
XA_BIAS_LOW
Figure 57. User Calibration Signal Path, Accelerometers
Calibration, Accelerometer Bias (YA_BIAS_LOW and
YA_BIAS_HIGH)
Table 93. YA_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x50, 0x51
0x0000
R/W
Yes
Table 94. YA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer offset correction; lower word
Table 95. YA_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x52, 0x53
0x0000
R/W
Yes
Table 96. YA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Y-axis accelerometer offset correction, upper word
The YA_BIAS_LOW (see Table 93 and Table 94) and
YA_BIAS_HIGH (see Table 95 and Table 96) registers combine to
allow users to adjust the bias of the y-axis accelerometers. The data
format examples in Table 27 also apply to the YA_BIAS_HIGH
register, and the data format examples in Table 28 apply to the
32-bit combination of the YA_BIAS_LOW and YA_BIAS_HIGH
registers. These registers influence the y-axis accelerometer
measurements in the same manner that the XA_BIAS_LOW
and XA_BIAS_HIGH registers influence the x-axis accelerometer
measurements (see Figure 57).
Calibration, Accelerometer Bias (ZA_BIAS_LOW and
ZA_BIAS_HIGH)
Table 97. ZA_BIAS_LOW Register Definition
Addresses
Default
Access
Flash Backup
0x54, 0x55
0x0000
R/W
Yes
Table 98. ZA_BIAS_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer offset correction; lower word
Table 99. ZA_BIAS_HIGH Register Definition
Addresses
Default
Access
Flash Backup
0x56, 0x57
0x0000
R/W
Yes
Table 100. ZA_BIAS_HIGH Bit Definitions
Bits
Description
[15:0]
Z-axis accelerometer offset correction, upper word
The ZA_BIAS_LOW (see Table 97 and Table 98) and ZA_BIAS_
HIGH (see Table 99 and Table 100) registers combine to allow
users to adjust the bias of the z-axis accelerometers. The data
format examples in Table 27 also apply to the ZA_BIAS_HIGH
register and the data format examples in Table 28 apply to the
32-bit combination of the ZA_BIAS_LOW and ZA_BIAS_HIGH
registers. These registers influence the z-axis accelerometer
measurements in the same manner that the XA_BIAS_LOW
and XA_BIAS_HIGH registers influence the x-axis accelerometer
measurements (see Figure 57).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com